Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S10341 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S10341
Description  Low bias operation, for 800 nm band
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10341 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S10341_15 Datasheet HTML 1Page - Hamamatsu Corporation S10341_15 Datasheet HTML 2Page - Hamamatsu Corporation S10341_15 Datasheet HTML 3Page - Hamamatsu Corporation S10341_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.hamamatsu.com
Si APD
S10341 series
Low bias operation, for 800 nm band,
small package
1
Miniature and thin package: 1.8 × 3.1 × 1.0t mm
Stable operation at low bias
High-speed response
High sensitivity
Low noise
Optical rangefinder
Laser radar
FSO (free space optics)
General ratings
Absolute maximum ratings
Electrical and optical characteristics (Ta=25 °C)
Parameter
Symbol
S10341-02
S10341-05
Unit
Active area size*1
A
φ0.2
φ0.5
mm
Effective active area
-
0.03
0.19
mm2
Package
-
Plastic
-
*1: Active area in which a typical gain can be obtained
Parameter
Symbol
Value
Unit
Operating temperature
Topr
-20 to +60
°C
Storage temperature
Tstg
-40 to +80
°C
Reverse current
Irmax
200
μA
Forward current
Ifmax
10
mA
Parameter
Symbol
Condition
S10341-02
S10341-05
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Spectral response range
λ
400 to 1000
400 to 1000
nm
Peak sensitivity wavelength
λp
M=100
-
800
-
-
800
-
nm
Photo sensitivity
S
λ=800 nm, M=1
-
0.5
-
-
0.5
-
A/W
Quantum efficiency
QE
λ=800 nm, M=1
-75-
-75-
%
Breakdown voltage
VBR
ID=100 μA
-
150
200
-
150
200
V
Temperature coefficient of VBR
-
-
0.65
-
-
0.65
-
V/°C
Dark current
ID
M=100
-
50
500
-
100
1000
pA
Cut-off frequency
fc
M=100, RL=50
Ω
λ=800 nm, -3 dB
-
1000
-
-
900
-
MHz
Terminal capacitance
Ct
M=100, f=1 MHz
-
1
-
-
2
-
pF
Excess noise figure
x
M=100
-
0.3
-
-
0.3
-
-
Gain
M
λ=800 nm
-
100
-
-
100
-
-
Features
Applications


Similar Part No. - S10341_15

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
S10341AAA1 ASHCROFT-S10341AAA1 Datasheet
1Mb / 7P
S10 RTDs & Thermocouples, Metric Connections
RevB_04-05-22
S10341AAB1 ASHCROFT-S10341AAB1 Datasheet
1Mb / 7P
S10 RTDs & Thermocouples, Metric Connections
RevB_04-05-22
S10341AAC1 ASHCROFT-S10341AAC1 Datasheet
1Mb / 7P
S10 RTDs & Thermocouples, Metric Connections
RevB_04-05-22
S10341AAD1 ASHCROFT-S10341AAD1 Datasheet
1Mb / 7P
S10 RTDs & Thermocouples, Metric Connections
RevB_04-05-22
S10341AAE1 ASHCROFT-S10341AAE1 Datasheet
1Mb / 7P
S10 RTDs & Thermocouples, Metric Connections
RevB_04-05-22
More results

Similar Description - S10341_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2381 HAMAMATSU-S2381 Datasheet
152Kb / 4P
Si APD Low bias operation, for 800 nm band
S6045 HAMAMATSU-S6045 Datasheet
235Kb / 4P
Low temperature coefficient type APD for 800 nm band
S4315-01 HAMAMATSU-S4315-01 Datasheet
148Kb / 4P
Low bias operation, for 800 nm band
S12426 HAMAMATSU-S12426_15 Datasheet
611Kb / 5P
Low bias operation, high-speed Si APD for 900 nm
S12023 HAMAMATSU-S12023_15 Datasheet
271Kb / 6P
Low bias operation, for 800 nm band
logo
M/A-COM Technology Solu...
MAAM-011206 MA-COM-MAAM-011206 Datasheet
989Kb / 9P
Single Bias Operation
MBDXX57-X MA-COM-MBDXX57-X Datasheet
783Kb / 9P
Zero Bias Operation
logo
Laird Tech Smart Techno...
SMS69273 LSTD-SMS69273 Datasheet
600Kb / 2P
Multi-band operation
HDDA3W LSTD-HDDA3W Datasheet
1Mb / 2P
Wide band operation
logo
Taoglas antenna solutio...
CGGP.35.3.A.02 TAOGLAS-CGGP.35.3.A.02 Datasheet
1Mb / 11P
wide-band operation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com