Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S10341 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S10341
Description  Low bias operation, for 800 nm band
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10341 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S10341_15 Datasheet HTML 1Page - Hamamatsu Corporation S10341_15 Datasheet HTML 2Page - Hamamatsu Corporation S10341_15 Datasheet HTML 3Page - Hamamatsu Corporation S10341_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si APD
S10341 series
Spectral response
Dark current vs. reverse voltage
Gain vs. reverse voltage
Quantum efficiency vs. wavelength
Wavelength (nm)
(Typ. Ta=25 °C, λ=800 nm)
200
400
600
800
1000
40
20
0
50
30
10
M=100
M=50
Reverse voltage (V)
˚
80
120
100
140
160
180
1
10
100
1000
10000
Reverse voltage (V)
(Typ. λ=800 nm)
-20 °C
0°C
20 °C
40 °C
60 °C
Wavelength (nm)
60
200
400
600
800
1000
40
20
0
80
100
(Typ. Ta=25 °C)
KAPDB0020EC
KAPDB0192EA
KAPDB0017ED
KAPDB0021EB
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com