Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ22005 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22005
Description  5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ22005 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMZ22005 Datasheet HTML 9Page - Texas Instruments LMZ22005 Datasheet HTML 10Page - Texas Instruments LMZ22005 Datasheet HTML 11Page - Texas Instruments LMZ22005 Datasheet HTML 12Page - Texas Instruments LMZ22005 Datasheet HTML 13Page - Texas Instruments LMZ22005 Datasheet HTML 14Page - Texas Instruments LMZ22005 Datasheet HTML 15Page - Texas Instruments LMZ22005 Datasheet HTML 16Page - Texas Instruments LMZ22005 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
5
10
15
20
0
1
2
3
4
5
6
7
8
9
INPUT VOLTAGE (V)
Output Current
Input Current
LMZ22005
www.ti.com
SNVS686J – MARCH 2011 – REVISED AUGUST 2015
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 12 V; CIN = 2 x 10 μF + 1-μF X7R Ceramic; CO = 220-μF
Specialty Polymer + 10-µF Ceramic; TA = 25°C for waveforms. Efficiency and dissipation plots marked with * have cycle
skipping at light loads resulting is slightly higher output ripple – See Design Steps section.
Figure 43. Short Circuit Current vs Input Voltage
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMZ22005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com