Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ22005 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22005
Description  5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ22005 Datasheet(HTML) 3 Page - Texas Instruments

  LMZ22005 Datasheet HTML 1Page - Texas Instruments LMZ22005 Datasheet HTML 2Page - Texas Instruments LMZ22005 Datasheet HTML 3Page - Texas Instruments LMZ22005 Datasheet HTML 4Page - Texas Instruments LMZ22005 Datasheet HTML 5Page - Texas Instruments LMZ22005 Datasheet HTML 6Page - Texas Instruments LMZ22005 Datasheet HTML 7Page - Texas Instruments LMZ22005 Datasheet HTML 8Page - Texas Instruments LMZ22005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
PGND/EP
Connect to AGND
5
FB
6
SS/TRK
3
EN
1
VIN
2
SYNC
4
AGND
7
VOUT
LMZ22005
www.ti.com
SNVS686J – MARCH 2011 – REVISED AUGUST 2015
5 Pin Configuration and Functions
NDW Package
7-Pin
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
AGND
4
Ground
Analog Ground — Reference point for all stated voltages. Must be externally connected to
EP/PGND.
EN
3
Analog
Enable — Input to the precision enable comparator. Rising threshold is 1.279 V typical. Once
the module is enabled, a 20-µA source current is internally activated to accommodate
programmable hysteresis.
FB
5
Analog
Feedback — Internally connected to the regulation, overvoltage, and short circuit comparators.
The regulation reference point is 0.796 V at this input pin. Connect the feedback resistor divider
between the output and AGND to set the output voltage.
PGND
—
Ground
Exposed Pad / Power Ground Electrical path for the power circuits within the module. — NOT
Internally connected to AGND / pin 4. Used to dissipate heat from the package during
operation. Must be electrically connected to pin 4 external to the package.
SS/TRK
6
Analog
Soft-Start/Track — To extend the 1.6-ms internal soft-start connect an external soft -start
capacitor. For tracking connect to an external resistive divider connected to a higher priority
supply rail. See Design Steps.
SYNC
2
Analog
Sync Input — Apply a CMOS logic level square wave whose frequency is between 650 kHz and
950 kHz to synchronize the PWM operating frequency to an external frequency source. When
not using synchronization connect to ground. The module free running PWM frequency is 812
kHz (typical)
VIN
1
Power
Supply input — Nominal operating range is 6 V to 20 V. A small amount of internal capacitance
is contained within the package assembly. Additional external input capacitance is required
between this pin and exposed pad (PGND).
VOUT
7
Power
Output Voltage — Output from the internal inductor. Connect the output capacitor between this
pin and exposed pad.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ22005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com