Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ22005 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22005
Description  5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ22005 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMZ22005 Datasheet HTML 13Page - Texas Instruments LMZ22005 Datasheet HTML 14Page - Texas Instruments LMZ22005 Datasheet HTML 15Page - Texas Instruments LMZ22005 Datasheet HTML 16Page - Texas Instruments LMZ22005 Datasheet HTML 17Page - Texas Instruments LMZ22005 Datasheet HTML 18Page - Texas Instruments LMZ22005 Datasheet HTML 19Page - Texas Instruments LMZ22005 Datasheet HTML 20Page - Texas Instruments LMZ22005 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
PGND/EP
VIN
CIN2,3
10 PF
Enable
7V to 20V
U1
RFBB
1.07k
LMZ22005TZ
3.3VO @ 5A
CO1,6
0.047 PF
CO5
220 PF
RENH OPT
100:
RENT
42.2k
RENB
12.7k
RFBT
3.32k
CIN1,5
0.047 PF
CO2
100 PF
OPT
+
D1 OPT
5.1V
SYNC
RSNOPT
1.50 k:
CSS
0.47 PF
CIN6 OPT
150 PF
+
RFRA OPT
23.7:
LMZ22005
www.ti.com
SNVS686J – MARCH 2011 – REVISED AUGUST 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LMZ22005 is a step-down DC-to-DC power module. It is typically used to convert a higher DC voltage to a
lower DC voltage with a maximum output current of 5 A. The following design procedure can be used to select
components for the LMZ22005. Alternately, the WEBENCH software may be used to generate complete designs.
When generating a design, the WEBENCH software uses iterative design procedure and accesses
comprehensive databases of components. Please go to www.ti.com for more details.
8.2 Typical Application
Figure 46. Typical Application Schematic
8.2.1 Design Requirements
For this example the following application parameters exist:
•
VIN Range = Up to 20 V
•
VOUT = 0.8 V to 6 V
•
IOUT = 5 A
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMZ22005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com