Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT4LC4M4E8DJS Datasheet(PDF) 9 Page - Micron Technology

Part # MT4LC4M4E8DJS
Description  4 MEG x 4 EDO DRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC4M4E8DJS Datasheet(HTML) 9 Page - Micron Technology

Back Button MT4LC4M4E8DJS Datasheet HTML 5Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 6Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 7Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 8Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 9Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 10Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 11Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 12Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
4 Meg x 4 EDO DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D47.pm5 – Rev. 3/97
©1997, Micron Technology, Inc.
9
4 MEG x 4
EDO DRAM
TECHNOLOGY, INC.
AC ELECTRICAL CHARACTERISTICS
(Notes: 2, 3, 9, 10, 11, 12, 17) (VCC [MIN]
≤ VCC ≤ VCC [MAX])
AC CHARACTERISTICS
-5
-6
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
OE# setup prior to RAS# during
tORD
0
0
ns
HIDDEN REFRESH cycle
EDO-PAGE-MODE READ or WRITE cycle time
tPC
20
25
ns
EDO-PAGE-MODE READ-WRITE cycle time
tPRWC
47
56
ns
Access time from RAS#
tRAC
50
60
ns
19
RAS# to column address delay time
tRAD
9
12
ns
21
Row address hold time
tRAH
9
10
ns
RAS# pulse width
tRAS
50
10,000
60
10,000
ns
RAS# pulse width (EDO PAGE MODE)
tRASP
50
125,000
60
125,000
ns
RAS# pulse width during Self Refresh
tRASS
100
100
µs
Random READ or WRITE cycle time
tRC
84
104
ns
RAS# to CAS# delay time
tRCD
11
14
ns
22
Read command hold time (referenced to CAS#)
tRCH
0
0
ns
23
Read command setup time
tRCS
0
0
ns
Refresh period (2,048 cycles)
tREF
32
32
ms
Refresh period (4,096 cycles)
tREF
64
64
ms
Refresh period S version
tREF
128
128
ms
RAS# precharge time
tRP
30
40
ns
RAS# to CAS# precharge time
tRPC
5
5
ns
RAS# precharge time exiting Self Refresh
tRPS
90
105
ns
Read command hold time (referenced to RAS#)
tRRH
0
0
ns
23
RAS# hold time
tRSH
13
15
ns
READ WRITE cycle time
tRWC
116
140
ns
RAS# to WE# delay time
tRWD
67
79
ns
13
Write command to RAS# lead time
tRWL
13
15
ns
Transition time (rise or fall)
tT2
50
2
50
ns
Write command hold time
tWCH
8
10
ns
Write command hold time (referenced to RAS#)
tWCR
38
45
ns
WE# command setup time
tWCS
0
0
ns
13
Output disable delay from WE#
tWHZ
0
12
0
15
ns
Write command pulse width
tWP
5
5
ns
WE# pulse to disable at CAS# HIGH
tWPZ
10
10
ns
WE# hold time (CBR Refresh)
tWRH
8
10
ns
WE# setup time (CBR Refresh)
tWRP
8
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com