Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT4LC4M4E8DJS Datasheet(PDF) 3 Page - Micron Technology

Part # MT4LC4M4E8DJS
Description  4 MEG x 4 EDO DRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC4M4E8DJS Datasheet(HTML) 3 Page - Micron Technology

  MT4LC4M4E8DJS Datasheet HTML 1Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 2Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 3Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 4Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 5Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 6Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 7Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 8Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
4 Meg x 4 EDO DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D47.pm5 – Rev. 3/97
©1997, Micron Technology, Inc.
3
4 MEG x 4
EDO DRAM
TECHNOLOGY, INC.
Figure 1). WE# can also perform the function of disabling
the output devices under certain conditions, as shown in
Figure 2.
During an application, if the DQ outputs are wire OR’d,
OE# must be used to disable idle banks of DRAMs. Alter-
natively, pulsing WE# to the idle banks during CAS# high
time will also High-Z the outputs. Independent of OE#
control, the outputs will disable after tOFF, which is refer-
enced from the rising edge of RAS# or CAS#, whichever
occurs last.
REFRESH
Preserve correct memory cell data by maintaining power
and executing any RAS# cycle (READ, WRITE) or RAS#
refresh cycle (RAS#-ONLY, CBR or HIDDEN) so that all
combinations of RAS# addresses (2,048 for 2K and 4,096 for
4K) are executed within tREF (MAX), regardless of se-
quence. The CBR and Self Refresh cycles will invoke the
internal refresh counter for automatic RAS# addressing.
An optional Self Refresh mode is also available on the S
version. The “S” option allows the user the choice of a fully
static, low-power data retention mode or a dynamic refresh
mode at the extended refresh period of 128ms. The optional
Self Refresh feature is initiated by performing a CBR Re-
fresh cycle and holding RAS# LOW for the specified tRASS.
Additionally, the “S” option allows for an extended refresh
period of 128ms, or 31.25
µs per row for a 4K refresh and
62.5
µs per row for a 2K refresh if using distributed CBR
Refresh. This refresh rate can be applied during normal
operation,aswellasduringastandbyorBATTERYBACKUP
mode.
The Self Refresh mode is terminated by driving RAS#
HIGH for a minimum time of tRPS. This delay allows for the
completion of any internal refresh cycles that may be in
process at the time of the RAS# LOW-to-HIGH transition.
If the DRAM controller uses a distributed refresh se-
quence, a burst refresh is not required upon exiting
Self Refresh. However, if the DRAM controller utilizes a
RAS#- ONLY or burst refresh sequence, all rows must be
refreshed within the average internal refresh rate, prior to
the resumption of normal operation.
STANDBY
Returning RAS# and CAS# HIGH terminates a memory
cycle and decreases chip current to a reduced standby level.
The chip is preconditioned for the next cycle during the
RAS# HIGH time.
Figure 2
WE# CONTROL OF DQs
,,
,,
V
V
IH
IL
CAS#
V
V
IH
IL
RAS#
V
V
IH
IL
ADDR
,,
ROW
,,
,
COLUMN (A)
,,
,,,
,
DON’T CARE
UNDEFINED
,
,,
,,
,,
V
V
IH
IL
WE#
V
V
IOH
IOL
OPEN
DQ
,
,
,
,,,
,
,,
,,
,,
,,
tWPZ
The DQs go to High-Z if WE# falls and, if tWPZ is met,
will remain High-Z until CAS# goes LOW with
WE# HIGH (i.e., until a READ cycle is initiated).
V
V
IH
IL
OE#
,
,
VALID DATA (B)
t
WHZ
WE# may be used to disable the DQs to prepare
for input data in an EARLY WRITE cycle. The DQs
will remain High-Z until CAS# goes LOW with
WE# HIGH (i.e., until a READ cycle is initiated).
t
WHZ
COLUMN (D)
,,
,,,
,,,
VALID DATA (A)
COLUMN (B)
COLUMN (C)
INPUT DATA (C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com