Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT4LC4M4E8DJS Datasheet(PDF) 2 Page - Micron Technology

Part # MT4LC4M4E8DJS
Description  4 MEG x 4 EDO DRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC4M4E8DJS Datasheet(HTML) 2 Page - Micron Technology

  MT4LC4M4E8DJS Datasheet HTML 1Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 2Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 3Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 4Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 5Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 6Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 7Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 8Page - Micron Technology MT4LC4M4E8DJS Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
4 Meg x 4 EDO DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D47.pm5 – Rev. 3/97
©1997, Micron Technology, Inc.
2
4 MEG x 4
EDO DRAM
TECHNOLOGY, INC.
GENERAL DESCRIPTION (continued)
(the latter 11 bits for 2K and the latter 10 bits for 4K, address
pins A10 and A11 are “don’t care”). READ and WRITE
cycles are selected with the WE# input.
A logic HIGH on WE# dictates READ mode, while a logic
LOW on WE# dictates WRITE mode. During a WRITE
cycle, data-in (D) is latched by the falling edge of WE# or
CAS#, whichever occurs last. An EARLY WRITE occurs
when WE# is taken LOW prior to CAS# falling. A LATE
WRITE or READ-MODIFY-WRITE occurs when WE# falls
after CAS# is taken LOW. During EARLY WRITE cycles,
the data outputs (Q) will remain High-Z regardless of the
state of OE#. During LATE WRITE or READ-MODIFY-
WRITE cycles, OE# must be taken HIGH to disable the data
outputs prior to applying input data. If a LATE WRITE or
READ-MODIFY-WRITE is attempted while keeping OE#
LOW, no write will occur, and the data outputs will drive
read data from the accessed location.
The four data inputs and the four data outputs are routed
through four pins using common I/O, and pin direction is
controlled by WE# and OE#.
PAGE ACCESS
PAGE operations allow faster data operations (READ,
WRITE or READ-MODIFY-WRITE) within a row address-
defined page boundary. The PAGE cycle is always initiated
Figure 1
OE# CONTROL OF DQs
with a row address strobed-in by RAS#, followed by a
column address strobed-in by CAS#. CAS# may be
toggled-in by holding RAS# LOW and strobing-in different
column addresses, thus executing faster memory cycles.
Returning RAS# HIGH terminates the PAGE MODE of
operation, i.e., closes the page.
EDO PAGE MODE
The 4 Meg x 4 EDO DRAM provides EDO PAGE MODE,
which is an accelerated FAST PAGE MODE cycle. The
primary advantage of EDO is the availability of data-out
even after CAS# returns HIGH. EDO allows CAS# precharge
time (tCP) to occur without the output data going invalid.
This elimination of CAS# output control allows pipeline
READs.
FAST PAGE MODE DRAMs have traditionally turned
the output buffers off (High-Z) with the rising edge of
CAS#. EDO PAGE MODE DRAMs operate like FAST
PAGE MODE DRAMs, except data will remain valid or
become valid after CAS# goes HIGH during READs, pro-
vided RAS# and OE# are held LOW. If OE# is pulsed while
RAS# and CAS# are LOW, data will toggle from valid data
to High-Z and back to the same valid data. If OE# is toggled
or pulsed after CAS# goes HIGH while RAS# remains
LOW, data will transition to and remain High-Z (refer to
,,
,,,
V
V
IH
IL
CAS#
V
V
IH
IL
RAS#
V
V
IH
IL
ADDR
,,
ROW
,,
,
COLUMN (A)
,,
,,,
,,
COLUMN (B)
,
,,,,
,,
DON’T CARE
UNDEFINED
,
,
,,
,,
V
V
IH
IL
OE#
V
V
IOH
IOL
OPEN
DQ
tOD
VALID DATA (B)
VALID DATA (A)
,
COLUMN (C)
,,,
,,,
VALID DATA (A)
tOE
,,
VALID DATA (C)
,
COLUMN (D)
,,,
,,
,
VALID DATA (D)
tOD
tOEHC
tOD
tOEP
tOES
The DQs go back to
Low-Z if tOES is met.
The DQs remain High-Z
until the next CAS# cycle
if tOEHC is met.
The DQs remain High-Z
until the next CAS# cycle
if tOEP is met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com