Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53262 Datasheet(PDF) 4 Page - Micropac Industries

Part # 53262
Description  SOLID STATE RELAY, 400VDC- 0.5A OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53262 Datasheet(HTML) 4 Page - Micropac Industries

  53262 Datasheet HTML 1Page - Micropac Industries 53262 Datasheet HTML 2Page - Micropac Industries 53262 Datasheet HTML 3Page - Micropac Industries 53262 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION • 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
05/16/2002
Pg. 4 of 4
53262
Short Circuit Protected Solid State Relay
Figure 3 – Typical Peak Short Circuit Current (short-while-on)
Figure 4 - Case Outline
1.75
1.00
(.80)
.40 (MAX)
1.500
.125
.300
.100
.200
.850
Ø.053 TYP
.25
2XØ.166 THRU
.400
.10
Figure 5 - Pin Assignment
PIN
SYMBOL
FUNCTION
1
+ IN
Control Input
2
- IN
Control Input Return
3
- OUT
Output Return
4
+ OUT
Output
Note: Dot indicates pin 1. Pins are numbered from left to right viewing from the top view.
-1
1
3
5
7
9
11
13
15
-150
-100
-50
0
50
100
150
200
250
Time, microseconds



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com