Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53262 Datasheet(PDF) 2 Page - Micropac Industries

Part # 53262
Description  SOLID STATE RELAY, 400VDC- 0.5A OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53262 Datasheet(HTML) 2 Page - Micropac Industries

  53262 Datasheet HTML 1Page - Micropac Industries 53262 Datasheet HTML 2Page - Micropac Industries 53262 Datasheet HTML 3Page - Micropac Industries 53262 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION • 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
05/16/2002
Pg. 2 of 4
53262
Short Circuit Protected Solid State Relay
__________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
TC = -40°C to +85°C, unless otherwise specified.
Parameter
Symbol
Min.
Typ.*
Max.
Unit
s
Test Conditions
Notes
INPUT CHARACTERISTICS
Input Forward Voltage
VF
2.0
2.7
3.8
VDC
IF = 8 mA
Input Reverse Breakdown Voltage
VR
6
20
VDC
IR = 10 µA
7
OUTPUT CHARACTERISTICS
Output On-Resistance
R (ON)
0.8
1.2
IF = 8 mA, IO = 0.5 A
Pulse width = 10 ms
Duty cycle
≤ 10%
6
Output Leakage Current
IO (OFF)
250
µA
VF = 0.6 VDC
VO = 400 VDC
6
Turn-On Time
tON
8
ms
Turn-Off time
tOFF
2
ms
Rise Time
tR
6
ms
Fall Time
tF
1
ms
IF = 8 mA
IO = 0.5 A
Pulse width = 10 ms
Duty cycle
≤ 10%
3 &
Figure 2
Over-current Limit
ICL
1.1
4.5
A
Over-current Trip Time
tCL
1
ms
VO = 54 VDC
RL = 12 Ω
4
Peak Short Circuit Current
ISC(PK)
15
20
A
Short Circuit Shut Down Time
tSC
100
µs
Short-while-on
@ TC = 25°C
5 & 7
COMMON CHARACTERISTICS
Input-Output Leakage Current
II-O
1
µA
RH
≤ 45%, t = 5 s
VI-O = 1000 VDC
TC = 25°C
1 & 2
Thermal Resistance (junction-case)
θJC
18.5
°C/W
7
* Typical values are at TC = 25°C
Notes:
1. Input pins shorted together and output pins shorted together.
2. Input -output potential applied momentarily, not a steady state operating condition.
3. Rise time is measured from 10% to 90% of load current (90% to 10% of VO). Fall time is measured from 90% to
10% of load current (10% to 90% of VO). Guaranteed but not tested.
4. The minimum over-current limit occurs at Tc of 85°C. The maximum over-current limit occurs at Tc of -40°C.
5. Use 0.25 ohm sense resistor for monitoring the peak short circuit current.
6. The user should apply the appropriate transient suppression technique to the output terminals of the relay when
the loads are inductive enough to generate voltage spikes.
7. Guaranteed but not tested.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com