Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53262 Datasheet(PDF) 1 Page - Micropac Industries

Part # 53262
Description  SOLID STATE RELAY, 400VDC- 0.5A OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53262 Datasheet(HTML) 1 Page - Micropac Industries

  53262 Datasheet HTML 1Page - Micropac Industries 53262 Datasheet HTML 2Page - Micropac Industries 53262 Datasheet HTML 3Page - Micropac Industries 53262 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION • 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
05/16/2002
Pg. 1 of 4
53262
SOLID STATE RELAY, 400VDC- 0.5A
OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED
Mii
MICROCIRCUITS DIVISION
Features:
•
SPST, Normally Open
•
1000VDC Optical Isolated Control Input
•
Power MOSFET, Low On-state Resistance
•
Built-in Short Circuit Protection
•
Wide Operating Temperature Range
•
Non-hermetic Package
Applications:
•
COTS Military Applications
•
Gun Turret Controls
•
Motor or Solenoid Driver
•
Displays/Lamps/Controls
•
Industrial Automation
DESCRIPTION
The 53262 Solid State Relay (SSR) is designed for applications in environment where hermeticity is not required. Its solid
state “contact” is resistant to damage from shock and vibration. It is also immune to contact related problems
(contamination, arcing, bouncing, etc.) associated with the electromechanical relays. Functionally, the device operates as
a single-pole single-throw (SPST), normally open (1 Form A) unidirectional high-side or low-side switch. Using a 500VDC
rated N-channel MOSFET as the switching device, the 53262 SSR offers low on-state resistance for lowering the power
dissipation, which allows operation over the temperature range of –40°C to +85°C with minimal heat sinking. A built-in
current sense circuit offers short circuit protection by turning off the MOSFET switch and allowing no current flow into the
load. After the 53262 SSR tripped due to a short circuit load, the output latches in the off-state until its control input
recycles. The control input is isolated from the load circuit using an optocoupler. This isolation barrier will eliminate the
system ground loop noise of the application. The optocoupler employs a dual high efficiency LED input allowing
TTL/CMOS logic to drive the solid state relay. The SSR is actuated by applying an input forward current of 5 to 10 mA to
the LED’s. The 53262 SSR has no moving parts and is enclosed in a non-hermetic package.
ABSOLUTE MAXIMUM RATINGS (@ TC = 25°C unless otherwise specified)
Output Voltage
400 VDC
Continuous Output Current @ TC = 85°C
1 A
Continuous Control Input Current
20 mA
Storage Temperature Range
-65°C to +150°C
Operating Temperature Range
-40°C to +85°C
Junction Temperature
150°C
Lead Solder Temperature
300°C for 10 s
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min.
Max.
Units
Output Voltage
VO (OFF)
400
VDC
Continuous Output Current
IO (ON)
0.5
A
Control Input Current
IF
5
10
mA
Operating Case Temperature
TC
-40
85
°C


Similar Part No. - 53262

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
532620 FESTO-532620 Datasheet
96Kb / 2P
Vacuum generator
532621 FESTO-532621 Datasheet
95Kb / 2P
Vacuum generator
532622 FESTO-532622 Datasheet
100Kb / 2P
Vacuum generator
532623 FESTO-532623 Datasheet
100Kb / 2P
Vacuum generator
532624 FESTO-532624 Datasheet
95Kb / 2P
Vacuum generator
More results

Similar Description - 53262

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53255 MICROPAC-53255 Datasheet
113Kb / 4P
400VDC - 10A SOLID STATE RELAY
logo
List of Unclassifed Man...
M28750 ETC1-M28750 Datasheet
252Kb / 2P
MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
logo
Teledyne Technologies I...
CD00CFW TELEDYNE-CD00CFW Datasheet
494Kb / 4P
2A, 60Vdc Optically isolated, Shot -Circuit protected DC Solid-State Relay
C75-2 TELEDYNE-C75-2 Datasheet
859Kb / 2P
Optically Isolated 1.0A with Short-Circuit Protection & Trip Status DC Solid-State Relay
SR75-1W TELEDYNE-SR75-1W Datasheet
201Kb / 2P
1.5A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
FR75-1 TELEDYNE-FR75-1 Datasheet
517Kb / 3P
1.0A, 60 Vdc Optically Isolated Short-Circuit Protected
SR75-2W TELEDYNE-SR75-2W Datasheet
204Kb / 2P
0.75A, 300Vdc Optically Isolated, Short-Circuit Protected for AC or DC Loads DC Solid-State Relay
SCD21CDY TELEDYNE-SCD21CDY Datasheet
746Kb / 4P
2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
logo
Willow Technologies Ltd
602 WILLOW-602 Datasheet
536Kb / 2P
10A, 250Vac Optically Isolated AC Solid-State Relay
logo
Teledyne Technologies I...
SR75-1 TELEDYNE-SR75-1 Datasheet
201Kb / 2P
1.5A, 60Vdc Optically Isolated, Short-Circuit Protected
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com