Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S7686 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S7686
Description  Si photodiode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7686 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S7686_15 Datasheet HTML 1Page - Hamamatsu Corporation S7686_15 Datasheet HTML 2Page - Hamamatsu Corporation S7686_15 Datasheet HTML 3Page - Hamamatsu Corporation S7686_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Si photodiode
S7686
Dimensional outline (unit: mm,
tolerance unless otherwise noted: ±0.15)
KSPDA0089EB
90°
80°
70°
60°
50°
40°
30°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
10°
20°
0
20
40
60
80
100
20
40
60
80
100
Relative sensitivity (%)
(Typ. Ta=25 °C)
X direction
Y direction
Directivity
KSPDB0339EA
8.0
Cathode
terminal mark
5.0 ± 0.2
+0
-0.25
Active area
2.8 × 2.4
Photosensitive
surface
Filter
0.45
Lead
X direction
Terminal capacitance vs. reverse voltage
KSPDB0145EA
0.1
Reverse voltage (V)
10 pF
1 nF
100 pF
10 nF
110
(Typ. Ta=25 °C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com