Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S7686 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S7686
Description  Si photodiode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7686 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S7686_15 Datasheet HTML 1Page - Hamamatsu Corporation S7686_15 Datasheet HTML 2Page - Hamamatsu Corporation S7686_15 Datasheet HTML 3Page - Hamamatsu Corporation S7686_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Si photodiode
S7686
Photodiode with sensitivity close to spectral
luminous efficiency
www.hamamatsu.com
S7686 is a Si photodiode having a spectral response characteristic that is more similar to the human eye sensitivity (spectral luminous
efficiency) than our conventional visible-compensated sensors (S1133, etc.).
Ceramic package for reliability
Active area: 2.4 × 2.8 mm
Illuminometer
High-speed response: 0.5 μs (VR=0 V, RL=1 k
Ω)
fs value: 8 % Typ. (vertical light input)
Luminance meter
Spectral response analogous to CIE spectral luminous
efficiency
Spectral response range: 480 to 660 nm
Peak sensitivity wavelength: 550 nm
Features
Applications
Electrical and optical characteristics (Ta=25 °C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Spectral response range
λ
-
480 to 660
-
nm
Peak sensitivity wavelength
λp
-
550
-
nm
Photo sensitivity
S
λ=λp
-
0.38
-
A/W
Short circuit current
Isc
100 lx, 2856 K
-
0.45
-
μA
Dark current
ID
VR=1 V
-
2
20
pA
Rise time
tr
VR=0 V, RL=1 k
Ω
-
0.5
-
μs
Terminal capacitance
Ct
VR=0 V, f=10 kHz
-
200
-
pF
Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Condition
Value
Unit
Reverse voltage
VR Max.
10
V
Operating temperature
Topr
No condensation
-10 to +60
°C
Storage temperature
Tstg
No condensation
-20 to +70
°C
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.


Similar Part No. - S7686_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7686 HAMAMATSU-S7686 Datasheet
87Kb / 2P
Photodiode with sensitivity close to spectral luminous efficiency
More results

Similar Description - S7686_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S1087 HAMAMATSU-S1087 Datasheet
152Kb / 4P
Si photodiode
logo
List of Unclassifed Man...
KPD701H ETC-KPD701H Datasheet
139Kb / 2P
Si Photodiode
logo
Hamamatsu Corporation
S10625-01CT HAMAMATSU-S10625-01CT Datasheet
209Kb / 5P
Si photodiode
logo
Roithner LaserTechnik G...
IQ80XL ROITHNER-IQ80XL Datasheet
177Kb / 2P
Si Photodiode
logo
Hamamatsu Corporation
S9032-02 HAMAMATSU-S9032-02_15 Datasheet
474Kb / 4P
Si photodiode
S8265 HAMAMATSU-S8265_15 Datasheet
91Kb / 3P
Si photodiode
S4349 HAMAMATSU-S4349_15 Datasheet
200Kb / 4P
Si photodiode
S2551 HAMAMATSU-S2551_15 Datasheet
423Kb / 4P
Si photodiode
S10043 HAMAMATSU-S10043_15 Datasheet
175Kb / 3P
Si photodiode
S9674 HAMAMATSU-S9674_15 Datasheet
227Kb / 5P
Si photodiode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com