Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S7686 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S7686
Description  Si photodiode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7686 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S7686_15 Datasheet HTML 1Page - Hamamatsu Corporation S7686_15 Datasheet HTML 2Page - Hamamatsu Corporation S7686_15 Datasheet HTML 3Page - Hamamatsu Corporation S7686_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Si photodiode
S7686
Spectral response
Linearity
Dark current vs. reverse voltage
Spectral response (relative value)
KSPDB0133EC
KSPDB0341EA
KSPDB0144EA
KSPDB0092EC
Illuminance (
lx)
10-8
10-7
10-6
10-5
10-4
10-3
1
10
100
1000
10000
10000
(Typ. Ta=25 °C, VR=0 V, 2856 K)
10 fA
100 fA
1 pA
10 pA
100 pA
1 nA
0.01
0.1
1
10
Reverse voltage (V)
(Typ. Ta=25 °C)
Wavelength (nm)
0
200
400
600
800
1000
1200
(Typ. Ta=25 °C)
0.1
0.2
0.3
0.4
0.6
0.5
QE=100 %
S7686
(Typ. Ta=25 °C)
CIE luminous
spectral efficiency
300
0
10
20
30
40
50
60
70
80
90
100
400
500
600
Wavelength (nm)
700
800
900



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com