Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

67023-103C Datasheet(PDF) 7 Page - Micropac Industries

Part # 67023-103C
Description  HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

67023-103C Datasheet(HTML) 7 Page - Micropac Industries

  67023-103C Datasheet HTML 1Page - Micropac Industries 67023-103C Datasheet HTML 2Page - Micropac Industries 67023-103C Datasheet HTML 3Page - Micropac Industries 67023-103C Datasheet HTML 4Page - Micropac Industries 67023-103C Datasheet HTML 5Page - Micropac Industries 67023-103C Datasheet HTML 6Page - Micropac Industries 67023-103C Datasheet HTML 7Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
2 - 10
4N51, 4N52,
67023 4N53, 4N54
HERMETIC, NUMERIC AND HEXIDECIMAL DISPLAYS
TABLE III
GROUP B, CLASS A AND B OF MIL-PRF-87157
Test
MIL-PRF-750
Method
Conditions
Sample Size
Subgroup 1
Resistance to Solvents
1022
4 Devices / 0 Failures
Internal Visual and Mechanical
(10)
2075
1 Device / 0 Failures
Subgroup 2
(1,2)
Solderability
2026
TA = 245°C for 5 seconds
LTPD = 15
Subgroup 3
Thermal Shock (Temp. Cycle)
1051
Condition B1, 15 Min. Dwell
LTPD = 15
Moisture Resistance
(3)
1021
Fine Leak
1071
Condition H
Gross Leak
1071
Condition C
Electrical / Optical Endpoints
(4)
------
IV, ICC, IBL, IBH, IEL, IEH, IIL, IIH and
visual function. TA = 25°C
Subgroup 4
Operating Life Test (340 hrs.)
(5)
1027
TA = 100°C, at VCC = 5.0V and
cycling through logic at 1 character
per second.
LTPD = 10
Electrical / Optical Endpoints
(4)
------
Same as Subgroup 3
Subgroup 5
Non-operating (Storage) Life
Test (340 hrs.)
1032
TA = 125°C
LTPD = 10
Electrical / Optical Endpoints
(4)
------
Same as Subgroup 3
TABLE IV
GROUP C, CLASS A AND B OF MIL-PRF-87157
Test
MIL-PRF-750
Method
Conditions
Sample Size
Subgroup 1
Physical Dimensions
2066
2 Devices / 0 Failures
Subgroup 2
(2, 10)
LTPD = 15
Lead Integrity
2004
Condition B2
Fine Leak
1071
Condition H
Gross Leak
1071
Condition C
Subgroup 3
Shock
2016
1500G, Time = 0.5 ms, 5 blows in
each orientation X1, Y1, Z1
LTPD = 15
Vibration, Variable Frequency
2056
Constant Acceleration
2006
10,000G at Y1 orientation
External Visual
(7)
1010 or 1011
Electrical / Optical Endpoints
(4)
------
IV, ICC, IBL, IBH, IEL, IEH, IIL, IIH and
visual function. TA = 25°C
Subgroup 4
(1,6)
Salt Atmosphere
1041
LTPD = 15
External Visual
(7)
1010 or 1011
Subgroup 5
Bond Strength
(8)
2037
Condition A
LTPD = 20 (c = 0)
Subgroup 6
LTPD = 10
Operating Life Test
(9)
1026
TA = +100°C 1000 HRS
Electrical / Optical Endpoints
(4)
------
Same as Subgroup 3
NOTES: 1. Whenever electrical/optical tests are not required as endpoints, electrical rejects may be used.
2. The LTPD applies to the number of leads inspected, except in no case shall less than 3 displays be used to provide the number of leads required.
3. Initial conditioning should be a 15” bend inward one cycle.
4. Limits and conditions are per the electrical/optical characteristics.
5. Burn-in for the over range shall use Condition B at a nominal IF = 8 mA with “+1” illuminated for t=340 hours.
6. Solderability samples shall not be used.
7. Visual requirements shall be as specified in MIL-PRF-883, Methods 1010 or 1011.
8. Displays may be selected prior to seal.
9. If a given inspection lot, undergoing Group B inspection, has been selected to satisfy the Group C inspection requirements, the 340 hour life tests may
be continued on test to 1000 hours in order to satisfy the Group C Life Test requirements. In such cases, either the 340 hour endpoint measurements
shall be made a basis for Group B lot acceptance or the 1000 hour endpoint measurement shall be used as the basis for both Group B and Group C
acceptance.
10. MIL-PRF-883 test method applies.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com