Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

67023-103C Datasheet(PDF) 3 Page - Micropac Industries

Part # 67023-103C
Description  HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

67023-103C Datasheet(HTML) 3 Page - Micropac Industries

  67023-103C Datasheet HTML 1Page - Micropac Industries 67023-103C Datasheet HTML 2Page - Micropac Industries 67023-103C Datasheet HTML 3Page - Micropac Industries 67023-103C Datasheet HTML 4Page - Micropac Industries 67023-103C Datasheet HTML 5Page - Micropac Industries 67023-103C Datasheet HTML 6Page - Micropac Industries 67023-103C Datasheet HTML 7Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
2 - 6
4N51, 4N52,
67023 4N53, 4N54
HERMETIC, NUMERIC AND HEXIDECIMAL DISPLAYS
*ELECTRICAL OPTICAL CHARACTERISTICS
TA = -55°C to +100°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Supply Current
4N51
4N52
4N54
ICC
112
112
112
170
170
170
mA
VCC = 5.5V
Numeral 5 and DP lighted
1
Power Dissipation
4N51
4N52
4N53
4N54
PT
560
560
280
560
935
935
320
935
mW
VCC = 5.5V
Numeral 5 and DP lighted
1,4
Luminous Intensity per LED
4N51
4N52
4N53
4N54
IV
40
40
45
40
85
85
85
85
µcd
VCC = 5V, TA = 25
°C
V CC = 5V, TA = 25
°C
IF = 10mA, A = 25
°C
V CC = 5V, A = 25
°C
2
Forward Voltage per LED
4N53
VF
1.6
2.0
V
IF = 10mA
Logic Low-Level Input Voltage
4N51
4N52
4N54
VIL
0.8
0.8
0.8
VVCC = 4.5V
Logic Low-Level Input Voltage
4N51
4N52
4N54
VIH
2
2
2
VVCC = 4.5V
Enable Low-Voltage; Data Being Entered
4N51
4N52
4N54
VEL
0.8
0.8
0.8
VV CC = 4.5V
Enable High-Voltage; data not being
entered
4N51
4N52
4N54
VEH
2
2
2
VV CC = 4.5V
Blanking Low-Voltage display not blanked 4N54
VBL
0.8
V
V CC = 4.5V
Blanking High-Voltage display blanked
4N54
VBH
3.5
V
V CC = 4.5V
Leak Rate
ALL
5x10-8
cc/sec
Blanking Low-Level Input Current
4N54
IBL
50
mA
V CC = 5.5V, VBL = 0.8V
Blanking High-Level Input Current
4N54
IBH
1.0
mA
V CC = 5.5V, VBH = 4.5V
Logic Low-Level Input Current
4N51
4N52
4N54
IIL
-1.6
mA
V CC = 5.5V, VIL = 0.4V
Logic High-Level Input Current
4N51
4N52
4N54
IIH
+100
µAV CC = 5.5V, VIH = 2.4V
Enable Low-Level Input Current
4N51
4N52
4N54
IEL
-1.6
mA
V CC = 5.5V, VEL = 0.4V
Enable High-Level Input Current
4N51
4N52
4N54
IEH
+130
µAV CC = 5.5V, VEH = 2.4V
Wavelength at Peak Emission
ALL
λP
655
nm
tA = 25
°C
Dominant Wavelength
ALL
d
640
tA = 25
°C3
Forward Voltage per LED
4N53
VF
1.6
2.0
V
IF = 10mA
Weight
ALL
1
gm
NOTES:
1.
All typical values at VCC = 5.0 volts, tA = 25
°C.
2.
Luminous intensity for a specific temperature may be calculated with the following relationship: IV (tA) = IV (25
°C) (.985) [tA - 25°C].
3.
The dominant wavelength ,
λd is a single wavelength that defines the saturated color of monochromatic light, as derived from the CIE chromaticity
diagram.
4.
For 4N53 test conditions, IF = 10mA, all diodes lit.
*JEDEC Registered Data



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com