Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

67023-103C Datasheet(PDF) 1 Page - Micropac Industries

Part # 67023-103C
Description  HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

67023-103C Datasheet(HTML) 1 Page - Micropac Industries

  67023-103C Datasheet HTML 1Page - Micropac Industries 67023-103C Datasheet HTML 2Page - Micropac Industries 67023-103C Datasheet HTML 3Page - Micropac Industries 67023-103C Datasheet HTML 4Page - Micropac Industries 67023-103C Datasheet HTML 5Page - Micropac Industries 67023-103C Datasheet HTML 6Page - Micropac Industries 67023-103C Datasheet HTML 7Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
2 - 4
4N51, 4N52
67023 4N53, 4N54
HERMETIC , NUMERIC AND HEXADECIMAL
DISPLAYS
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Features:
•
Conforms to MIL-PRF-87157
•
Three character options
Numeric, Hexidecimal or Over range
•
4 X 7 dot matrix character
•
Memory latch/decoder/driver is TTL compatible
•
Available in Red or Green
•
Categorized for luminous intensity
Applications:
•
High reliability systems
•
Instrumentation panels
•
Communication equipment
•
Medical equipment
•
Harsh environments
•
IR blocking filter available
DESCRIPTION
The
4N51-4N54 series are solid state numeric and hexidecimal displays for use in high reliability applications. The displays feature
an on-board decoder/driver and memory (except 4N53). These displays are hermetically sealed and conform to MIL-PRF-87157, the
general specification for light emitting diode displays. The character height is 7.4mm (.29”). The green LED version conforms to
MIL-D-87157 with exception of color.
The 4N51 is a numeric display which decodes positive BCD logic into the numbers “0-9”, a “-” sign, a right-hand decimal point, and a
test pattern (all LED’s on).
The 4N52 is the same as the 4N51, but the decimal point is located on the left side of the device.
The 4N53 is an over range device which displays “+1” and a right-hand decimal point. This display is typically driven using external
switching transistors.
The 4N54 is a hexidecimal display which decodes positive BCD logic into 16 characters “0-9, A-F”. An input is provided to blank the
display (all LED’s off) without losing the contents of the memory.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature..........................................................................................................................................-65°C to +125°C
Operating Free-Air Temperature Range. ...........................................................................................................-55°C to +100°C
Lead Solder Temperature (1/16” [1.6mm] below seating plane for 10s) ........................................................................... 260°C
Supply Voltage, VCC (4N51, 4N52, 4N54)................................................................................................................. .-0.5V to 7V
Voltage Applied to Input Logic, DP and Enable Pins ............................................................................................... . -0.5V to 7V
Voltage Applied to Blanking Input (4N54 only)........................................................................................................... -0.5V to 7V
Forward Current, Each LED (4N53 only) ............................................................................................................................10mA
Reverse Voltage, Each LED (4N53 only)................................................................................................................................. 4V


Similar Part No. - 67023-103C

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
6702 FILTRONIC-6702 Datasheet
148Kb / 3P
PHASE SHIFTER DC TO 2, 4 AND 8 GHZ, COAXIAL HIGH POWER
logo
API Technologies Corp
6702 APITECH-6702 Datasheet
175Kb / 3P
DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
logo
List of Unclassifed Man...
6702-AAAA-0000 ETC2-6702-AAAA-0000 Datasheet
848Kb / 20P
Pressure & Vacuum Switches
6702-AAAB-0000 ETC2-6702-AAAB-0000 Datasheet
848Kb / 20P
Pressure & Vacuum Switches
6702-AABA-0000 ETC2-6702-AABA-0000 Datasheet
848Kb / 20P
Pressure & Vacuum Switches
More results

Similar Description - 67023-103C

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
Hexadecimal and Numeric Displays for Industrial Applications
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
Hexadecimal and Numeric Displays for Industrial Applications
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
Hexadecimal and Numeric Indicators
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
HERMETIC , NUMERIC AND HEXADECIMAL
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781_08 Datasheet
221Kb / 8P
Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com