Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L11368 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # L11368
Description  Infrared LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L11368 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  L11368_15 Datasheet HTML 1Page - Hamamatsu Corporation L11368_15 Datasheet HTML 2Page - Hamamatsu Corporation L11368_15 Datasheet HTML 3Page - Hamamatsu Corporation L11368_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Infrared LED
L11368
3
0
-0.2
-0.1
0
0.1
(Typ. Ta=25 °C, IF=50 mA)
Shift from lens center X, Y (mm)
0.2
20
40
60
80
100
Z
Y
X
0
0
1
2
(Typ. Ta=25 °C, IF=50 mA)
Distance between lens and fiber end Z (mm)
3
20
40
60
80
100
Z
Y
X
Fiber end output vs. ambient temperature
Ambient temperature (°C)
(Typ. IF=50 mA)
-30 -20 -10
-3
1
0
-1
-2
0
102030405060708090
KLEDB0355EA
Allowable forward current vs. ambient temperature
-40
-20
0
20
40
60
80
100
0
40
60
80
100
Ambient temperature (°C)
20
(Typ.)
KLEDB0027EB
Fiber coupling characteristic (GI 50)
X, Y directions
Z direction
KLEDB0353EA
KLEDB0354EA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com