Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L11368 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L11368
Description  Infrared LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L11368 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L11368_15 Datasheet HTML 1Page - Hamamatsu Corporation L11368_15 Datasheet HTML 2Page - Hamamatsu Corporation L11368_15 Datasheet HTML 3Page - Hamamatsu Corporation L11368_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Infrared LED
L11368
Emission spectrum
Forward current vs. forward voltage
Fiber end output vs. forward current
Frequency characteristic
KLEDB0304EA
KLEDB0351EA
KLEDB0350EA
KLEDB0352EA
2
700
800
900
1000
0
40
20
60
80
100
Wavelength (nm)
(Typ. Ta=25 °C, IF=50 mA)
1
0
1
-1
-2
-3
-4
-5
-6
100
10
Frequency (MHz)
(Typ. Ta=25 °C, IF=50 mA ± 1 mAp-p)
Forward current (mA)
(Typ. Ta=25 °C)
020
10
0
80
10
20
30
40
50
60
70
40
30
60
70
50
Forward voltage (V)
(Typ. Ta=25 °C)
0.5
1.0
1.5
2.0
2.5
0
0
80
10
20
30
40
50
60
70



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com