Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L11368 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L11368
Description  Infrared LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L11368 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L11368_15 Datasheet HTML 1Page - Hamamatsu Corporation L11368_15 Datasheet HTML 2Page - Hamamatsu Corporation L11368_15 Datasheet HTML 3Page - Hamamatsu Corporation L11368_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Infrared LED
L11368
High output power LED with mini-lens
www.hamamatsu.com
Absolute maximum ratings (Ta=25 °C)
Electrical and optical characteristics (Ta=25 °C)
1
The L11368 is a high-power LED with a microball lens bonded to the surface of the LED chip having an internal confined
structure. In addition to the microball lens, the LED chip is sealed with a cap with mini-lens to make the output beam even
narrower. This allows highly efficient input of the beam into an optical fiber, making the L11368 well suited for optical fiber
communications.
Features
Applications
High radiant output power: 65 μW typ. (IF=50 mA, GI 50)
Cutoff frequency: 50 MHz typ. (IF=50 mA)
Optical fiber communication
Parameter
Symbol
Condition
Specification
Unit
Forward current
IF
60
mA
Reverse voltage
VR
3V
Pulse forward current
IFM
Pulse width=10 μs
Duty ratio=50%
100
mA
Power dissipation
P
170
mW
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-40 to +100
°C
Soldering
-
260 °C or less, within 5 s, at least 1 mm away from lead root
-
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Peak emission
wavelength
λp
IF=50 mA
850
870
890
nm
Spectral half-width
Δλ
IF=50 mA
-
35
50
nm
Forward voltage
VF
IF=50 mA
-
2.0
2.4
V
Pluse forward voltage
VFP
IF=100 mA
-
2.4
3.6
V
Reverse current
IR
VR=3 V
-
-
10
μA
Fiber end output
Pf
IF=50 mA, GI 50
45
65
-
μW
Cutoff frequency*
fc
IF=50 mA + 1 mAp-p
35
50
-
MHz
* Frequency at which the light output drops by 3 dB relative to the output at 100 kHz


Similar Part No. - L11368_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1136 UTC-L1136 Datasheet
229Kb / 9P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
214Kb / 9P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
290Kb / 9P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136G-XX-AF5-R UTC-L1136G-XX-AF5-R Datasheet
229Kb / 9P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136G-XX-AF5-R UTC-L1136G-XX-AF5-R Datasheet
214Kb / 9P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results

Similar Description - L11368_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
INFRARED LED?
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
Infrared LED
logo
Marktech Corporate
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
Infrared LED
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
Infrared LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com