Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS289 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS289
Description  20mA Air-Core Tachometer Drive Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS289 Datasheet(HTML) 5 Page - ON Semiconductor

  CS289 Datasheet HTML 1Page - ON Semiconductor CS289 Datasheet HTML 2Page - ON Semiconductor CS289 Datasheet HTML 3Page - ON Semiconductor CS289 Datasheet HTML 4Page - ON Semiconductor CS289 Datasheet HTML 5Page - ON Semiconductor CS289 Datasheet HTML 6Page - ON Semiconductor CS289 Datasheet HTML 7Page - ON Semiconductor CS289 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
IIN
0.7V
2.1V
IOUT/EΘ
CP
RT
RT
CT
1k
Ω
10k
Ω
TRIM
CP
VF/V
OUT = 2.1 + Frequency x CT x RT (VREG -0 .7)
The above equations were used in calculating the follow-
ing values, where VF/V
OUT = 7.1V at =270° and CT = 0.01 F.
4 cylinder: Freq = 200Hz, RT = 320kΩ
6 cylinder: Freq = 300Hz, RT = 220kΩ
8 cylinder: Freq = 400Hz, RT = 150kΩ
Tachometer Application
RPM
60
x # OF CYL.
2
= Frequency
Typical values shown above apply to a nominal value of
VREG of 8.5 volts. It must be realized that trimming of RT
will be necessary to compensate for variations in regula-
tor voltage from one unit to another.
An alternative to this adjustment is to replace R2 with a
potentiometer, as shown in Figure 2.
Partial schematic shown in Figure 3 represents one met-
hod for use with DC applications instead of frequency.
Figure 2: Alternate Trimming Method
Figure 3: DC Application



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com