Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS289 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS289
Description  20mA Air-Core Tachometer Drive Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS289 Datasheet(HTML) 3 Page - ON Semiconductor

  CS289 Datasheet HTML 1Page - ON Semiconductor CS289 Datasheet HTML 2Page - ON Semiconductor CS289 Datasheet HTML 3Page - ON Semiconductor CS289 Datasheet HTML 4Page - ON Semiconductor CS289 Datasheet HTML 5Page - ON Semiconductor CS289 Datasheet HTML 6Page - ON Semiconductor CS289 Datasheet HTML 7Page - ON Semiconductor CS289 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Typical Performance Characteristics
VZ
SINE OUTPUT
+
–
+
–
VP COS Θ
VP SIN Θ
COSINE
OUTPUT
Θ
0
45˚
90˚
135˚
180˚
225˚
270˚
2.1
3
4
5
6
7.1
Relationship of E
Θ, Θ and Frequency
F/VOUT = 2.0V + FREQ X CT X RT X VREG
Frequency/Output Angle (
°)
Output Angle in Polar Form
Charge Pump Output Voltage
-4.5
-3.5
-2.5
-1.5
VZ
1.5
2.5
3.5
4.5
4.5V
4.5V
0
45˚
90˚
135˚
180˚
225˚
270˚
VCOS
VSINE
2.1
3.8
5.45
7.1
Tachometer Angular Deflection (
°)
Function Generator Output Voltage
Package Pin Description: continued
PACKAGE PIN #
PIN SYMBOL
FUNCTION
Note 1: Vsine measured Vsine to VZ. VCOS measured VCOS to VZ. All other voltages specified are measured to ground.
Note 2: Max PWR dissipation
≤V
CC X ICC - (V2 Isine + V12 ICOS).
20L SO
14L PDIP
12
9
SQOUT
Buffered square wave output signal.
13
10
SQIN
Speed or RPM input signal.
18
11
VREG
Voltage regulator output.
19
12
VCOS
Cosine output signal.
20
13
VCC
Supply voltage.
14
Pwr Gnd
Power Ground connection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com