Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS289 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS289
Description  20mA Air-Core Tachometer Drive Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS289 Datasheet(HTML) 2 Page - ON Semiconductor

  CS289 Datasheet HTML 1Page - ON Semiconductor CS289 Datasheet HTML 2Page - ON Semiconductor CS289 Datasheet HTML 3Page - ON Semiconductor CS289 Datasheet HTML 4Page - ON Semiconductor CS289 Datasheet HTML 5Page - ON Semiconductor CS289 Datasheet HTML 6Page - ON Semiconductor CS289 Datasheet HTML 7Page - ON Semiconductor CS289 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
Electrical Characteristics: (VCC = 13.1V, -30°C ≤ TA≤ 85°C)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current (Note 2)
VCC = 15.0V
54
mA
VCC = 13.1V
60
65
mA
VCC = 11.3V
60
65
mA
Regulated Voltage
IREG = 4.3mA
7.7
8.5
9.3
V
Regulation
IREG = 0 to 5mA
0.10
0.20
V
Signal Input Current
T = 25°C
0.1
2.0
4.0
mA
Saturation Voltage
ISQ OUT = 5mA, ISQ IN = 500µA
0.20
0.55
V
Leakage Current
ISQ OUT = 16V, VSQ IN = 0V
10
µA
Input Current
CP+ = 0, T = 25°C
1
15
nA
F to V Output
VSQIN = 0 (zero input), ∅ = 0°
1.8
2.1
2.4
VCOS = 0 (Note 1), ∅ = 270°
6.3
7.1
7.9
V
Linearity
EO vs. Frequency
VCOS = 0 (Note 1), ∅ = 270°, T = 25°C
-1.5
1.5
%
Vsine at ∅ = 0°
VSQ IN = 0 (zero input), ∅ = 0°
-0.55
0.00
0.55
V
MAX Vsine+
VCOS = 0 (Note 1), ∅=90°
3.8
4.5
5.8
V
MAX Vsine-
VCOS = 0 (Note 1), ∅ = 270°
-3.8
-4.5
-5.8
V
Coil Drive Current
VCOS = 0 (Note 1), ∅ = 90°, T = 25°C
20
25
mA
VCOS = 0 (Note 1), ∅ = 270°
20
25
mA
MAX VCOS+
VSQ IN = 0 (zero input), ∅ = 0°
3.8
4.5
5.8
V
MAX VCOS-
Vsine = 0 (Note 1), ∅ = 180°
-3.8
-4.5
-5.8
V
Coil Drive Current
VSQ IN = 0 (zero input), ∅ = 0°
20
25
mA
Vsine = 0 (Note 1), ∅ = 180°
20
25
mA
External Voltage Ref.
4.98
5.40
5.85
V
Note 1: Vsine measured Vsine to VZ. VCOS measured VCOS to VZ. All other voltages specified are measured to ground.
Note 2: Max PWR dissipation
≤V
CC X ICC - (V2 Isine + V12 ICOS).
20L SO
14L PDIP
11
VZ
External Zener reference.
22
Vsine
Sine output signal.
34
VBIAS
Test pin or "0" calibration pin.
4, 5, 6, 7,
7
Gnd
Analog Ground connection.
14, 15, 16, 17
85
CP–
Negative input to charge pump.
96
CP+
Positive input to charge pump.
10
3
NC
No Connection
11
8
F/VOUT
Output voltage proportional to input signal frequency.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com