Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5032MTC/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5032MTC/NOPB
Description  High-Voltage Dual Interleaved Current Mode Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5032MTC/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM5032MTC/NOPB Datasheet HTML 1Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 2Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 3Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 4Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 5Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 6Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 7Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 8Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LM5032
www.ti.com
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
6.4 Thermal Information
LM5032
THERMAL METRIC(1)
PW
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
96.8
RθJC(top)
Junction-to-case (top) thermal resistance
30.3
RθJB
Junction-to-board thermal resistance
42.4
°C/W
ψJT
Junction-to-top characterization parameter
1.7
ψJB
Junction-to-board characterization parameter
41.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
MIN and MAX limits apply –40°C
≤ TJ ≤ 125°C. VIN = 48 V, VCC = 10 V externally applied, RT = RDCL = 42.2kΩ, UVLO = 1.5
V, TJ = 25°C, unless otherwise stated, see
(1)and see(2).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STARTUP REGULATOR (VIN, VCC Pins)
VCCReg
VCC voltage
Ext. supply disconnected.
7.4
7.7
8
V
ICC(Lim)
VCC current limit
VCC = 0V.
19
22
mA
VCC UVT
VCC Under-voltage threshold
Ext. supply disconnected, VIN =11V.
VCC -
VCC -
V
(VCC increasing)
300 mV
100 mV
VCC decreasing
5.5
6.2
6.9
V
IIN
Startup regulator current
VIN = 90V, UVLO = 0V
500
600
µA
ICCIn
Supply current into VCC from
Output loads = open, VCC = 10V
4.3
7
mA
external source
UVLO
UVLO
Under-voltage threshold
1.22
1.25
1.28
V
IHYST
Hysteresis current
16
20
24
µA
CURRENT SENSE INPUT (CS1, CS2 Pins)
CS
Current Limit Threshold
0.45
0.5
0.55
V
CS delay to output
CS1 (CS2) taken from zero to 1.0V. Time for
40
ns
OUT1 (OUT2) to fall to 90% of VCC. Output
load = 0 pF.
Leading edge blanking time at
50
ns
CS1 (CS2)
CS1 (CS2) sink impedance
Internal pull-down FET on.
30
55
Ω
(clocked)
RCS
Equivalent input resistance at CS
CS taken from 0.2V to 0.5V, internal FET off.
42
k
Ω
CURRENT LIMIT RESTART (RES Pin)
ResTh
Threshold
2.4
2.55
2.7
V
Charge source current
15
20
25
µA
Discharge sink current
7.5
10
12.5
µA
SOFT-START (SS1, SS2 Pins)
ISS
Current source (normal
35
50
65
µA
operation)
Current source during a current
0.7
1
1.3
µA
limit restart
VSS
Open circuit voltage
5
V
OSCILLATOR (RT/SYNC Pin)
FS1
Frequency 1 (at OUT1, OUT2)
RT = 42.2 kΩ
183
200
217
kHz
FS2
Frequency 2 (at OUT1, OUT2)
RT = 13.7 kΩ
530
600
670
kHz
(1)
All electrical characteristics having room temperature limits are tested during production with TA = 25°C. All hot and cold limits are
specified by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
(2)
Typical specifications represent the most likely parametric norm at 25°C operation
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com