Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5032MTC/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM5032MTC/NOPB
Description  High-Voltage Dual Interleaved Current Mode Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5032MTC/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5032MTC/NOPB Datasheet HTML 4Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 5Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 6Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 7Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 8Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 9Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 10Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 11Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
0
5
10
15
20
25
0
1
2
3
4
5
6
7
8
ICC (mA)
1
10
100
1000
RT (k:)
0.01
0.1
1.0
10
0
2
4
6
8
10
12
14
VOLTAGE AT VIN (V)
0
1
2
3
4
5
6
7
8
UVLO > 1.25V
VCC Pin Unloaded
8
9
10
11
12
13
14
APPLIED VCC VOLTAGE (V)
0
20
40
60
80
100
15
OUT1, 2 = Open
OUT1, 2 load = 2200 pF
50 kHz
500 kHz
1 MHz
200 kHz
Output Drivers @ 1 MHz
0
20
40
60
80
100
0
100
200
300
400
500
600
VOLTAGE AT VIN (V)
UVLO = 0V
VCC Pin = Open
VCC Pin = 10V
0
20
40
60
80
100
0
2
4
6
8
10
12
14
VOLTAGE AT VIN (V)
VCC pin = open,
OUT1 & OUT2 load = 2200 pF
VCC
pin = open, Driver Outputs Open
UVLO > 1.25V
Outputs frequency = 200 kHz
VCC
pin = 10V, Driver Outputs
open or loaded
LM5032
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
www.ti.com
6.6 Typical Characteristics
Figure 2. IIN vs VIN
Figure 3. IIN vs VIN
Figure 4. ICC vs Externally Applied VCC
Figure 5. VCC vs VIN
Figure 7. Oscillator Frequency vs RT Resistor
Figure 6. VCC vs ICC (Externally Loaded)
8
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LM5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com