Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5032MTC/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5032MTC/NOPB
Description  High-Voltage Dual Interleaved Current Mode Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5032MTC/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5032MTC/NOPB Datasheet HTML 17Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 18Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 19Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 20Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 21Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 22Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 23Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 24Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
t1 =
CRES x 2.55V
20 2A
= 1.275 x 10
5 x CRES
LM5032
CS1
OUT1
GND1
VIN
Q1
R1
Power
Transformer
RF
C
F
V
PWR
LM5032
CS1
OUT1
GND1
VIN
R1
Power
Transformer
Current
Sense
Q1
V
PWR
C
F
RF
LM5032
www.ti.com
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
Application Information (continued)
When the LM5032’s two controller channels are configured to provide a single high current output, COMP1 and
COMP2 are typically connected together, and to the feedback signal from the optocoupler.
8.1.7 Current Sense, CS1, CS2
Each CS pin receives an input signal representative of its transformer’s primary current, either from a current
sense transformer or from a resistor in series with the source of the primary switch, as shown in Figure 25 and
Figure 26. In both cases the sensed current creates a ramping voltage across R1, and the RF/CF filter
suppresses noise and transients. R1, RF and CF should be as physically close to the LM5032 as possible, and
the ground connection from the current sense transformer, or R1, should be a dedicated track to the appropriate
GND pin. The current sense components must provide >0.5V at the CS pin when an over-current condition
exists.
Figure 25. Current Sense Using a Current Sense Transformer
Figure 26. Current Sense Using a Source Sense Resistor (R1)
8.1.8 Hiccup Mode Current Limit Restart
This circuit’s operation is described in the Functional Description. Also see Figure 16 and Figure 17. In the case
of continuous current limit detection at both CS pins, the time required to reach the 2.55V RES pin threshold is:
(6)
For example, if CRES = 0.1 µF the time t1 in Figure 18 is approximately 12.75 ms.
In the case of continuous current limit detection at one CS pin only, the time to reach the 2.55V threshold is
increased by a factor of four, or:
t1 = 5.1 x 10
5 x C
RES
(7)
The time t2 in Figure 17 is set by the capacitor at each SS pin and the internal 1 µA current source, and is equal
to:
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com