Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-08050 Datasheet(PDF) 1 Page - ON Semiconductor

Part # KAI-08050
Description  Interline CCD Image Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-08050 Datasheet(HTML) 1 Page - ON Semiconductor

  KAI-08050 Datasheet HTML 1Page - ON Semiconductor KAI-08050 Datasheet HTML 2Page - ON Semiconductor KAI-08050 Datasheet HTML 3Page - ON Semiconductor KAI-08050 Datasheet HTML 4Page - ON Semiconductor KAI-08050 Datasheet HTML 5Page - ON Semiconductor KAI-08050 Datasheet HTML 6Page - ON Semiconductor KAI-08050 Datasheet HTML 7Page - ON Semiconductor KAI-08050 Datasheet HTML 8Page - ON Semiconductor KAI-08050 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
© Semiconductor Components Industries, LLC, 2015
March, 2015 − Rev. 7
1
Publication Order Number:
KAI−08050/D
KAI-08050
3296 (H) x 2472 (V)
Interline CCD Image Sensor
Descriptio
n
The KAI−08050 Image Sensor is an 8−megapixel CCD in a 4/3”
optical format. Based on the TRUESENSE 5.5 micron Interline
Transfer CCD Platform, the sensor features broad dynamic range,
excellent imaging performance, and a flexible readout architecture
that enables use of 1, 2, or 4 outputs. The sensor supports full
resolution readout up to 16 frames per second, while a Region of
Interest (ROI) mode supports partial readout of the sensor at even
higher frame rates. A vertical overflow drain structure suppresses
image blooming and enables electronic shuttering for precise exposure
control.
The sensor is available with the TRUESENSE Sparse Color Filter
Pattern, a technology which provides a 2x improvement in light
sensitivity compared to a standard color Bayer part.
The sensor shares common pin−out and electrical configurations
with other devices based on the TRUESENSE 5.5 micron Interline
Transfer Platform, allowing a single camera design to support multiple
members of this sensor family.
Table 1. GENERAL SPECIFICATIONS
Parameter
Typical Value
Architecture
Interline CCD; Progressive Scan
Total Number of Pixels
3364 (H) x 2520 (V)
Number of Effective Pixels
3320 (H) x 2496 (V)
Number of Active Pixels
3296 (H) x 2472 (V)
Pixel Size
5.5 mm (H) x 5.5 mm (V)
Active Image Size
18.13 mm (H) x 13.60 mm (V)
22.66 mm (diag), 4/3” optical format
Aspect Ratio
4:3
Number of Outputs
1, 2, or 4
Charge Capacity
20,000 electrons
Output Sensitivity
34 mV/e−
Quantum Efficiency
Pan (−ABA, −PBA)
R, G, B (−CBA, −PBA)
46%
29%, 37%, 39%
Read Noise (f = 40 MHz)
12 electrons rms
Dark Current
Photodiode
VCCD
7 electrons/s
100 electrons/s
Dark Current Doubling Temp.
Photodiode
VCCD
7°C
9°C
Dynamic Range
64 dB
Charge Transfer Efficiency
0.999999
Blooming Suppression
> 300 X
Smear
−100 dB
Image Lag
< 10 electrons
Maximum Pixel Clock Speed
40 MHz
Maximum Frame Rates
Quad Output
Dual Output
Single Output
16 fps
8 fps
4 fps
Package
68 pin PGA
Cover Glass
AR coated, 2 Sides or Clear Glass
NOTE: All parameters are specified at T = 40°C unless otherwise noted.
www.onsemi.com
Figure 1. KAI−08050 CCD Image Sensor
Features
• Bayer Color Pattern, TRUESENSE Sparse
Color Filter Pattern, and Monochrome
Configuration
• Progressive Scan Readout
• Flexible Readout Architecture
• High Frame Rate
• High Sensitivity
• Low Noise Architecture
• Excellent Smear Performance
• Package Pin Reserved for Device
Identification
Applications
• Industrial Imaging
• Medical Imaging
• Security
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - KAI-08050

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-08050 ONSEMI-KAI-08050 Datasheet
622Kb / 31P
Interline CCD Image Sensor
September, 2016 ??Rev. 8
KAI-08050-ABA-JD-AE ONSEMI-KAI-08050-ABA-JD-AE Datasheet
622Kb / 31P
Interline CCD Image Sensor
September, 2016 ??Rev. 8
KAI-08050-ABA-JD-BA ONSEMI-KAI-08050-ABA-JD-BA Datasheet
622Kb / 31P
Interline CCD Image Sensor
September, 2016 ??Rev. 8
KAI-08050-FBA-JD-AE ONSEMI-KAI-08050-FBA-JD-AE Datasheet
622Kb / 31P
Interline CCD Image Sensor
September, 2016 ??Rev. 8
KAI-08050-FBA-JD-BA ONSEMI-KAI-08050-FBA-JD-BA Datasheet
622Kb / 31P
Interline CCD Image Sensor
September, 2016 ??Rev. 8
More results

Similar Description - KAI-08050

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-04070 ONSEMI-KAI-04070 Datasheet
1Mb / 50P
INTERLINE CCD IMAGE SENSOR
July, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE02150 ONSEMI-KAE02150_16 Datasheet
817Kb / 40P
Interline CCD Image Sensor
February, 2016 ??Rev. 2
KAI-16000 ONSEMI-KAI-16000_16 Datasheet
644Kb / 28P
Interline CCD Image Sensor
February, 2016 ??Rev. 6
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
Interline CCD Image Sensor
February, 2017 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com