Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-08050 Datasheet(PDF) 13 Page - ON Semiconductor

Part # KAI-08050
Description  Interline CCD Image Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-08050 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button KAI-08050 Datasheet HTML 9Page - ON Semiconductor KAI-08050 Datasheet HTML 10Page - ON Semiconductor KAI-08050 Datasheet HTML 11Page - ON Semiconductor KAI-08050 Datasheet HTML 12Page - ON Semiconductor KAI-08050 Datasheet HTML 13Page - ON Semiconductor KAI-08050 Datasheet HTML 14Page - ON Semiconductor KAI-08050 Datasheet HTML 15Page - ON Semiconductor KAI-08050 Datasheet HTML 16Page - ON Semiconductor KAI-08050 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
KAI−08050
www.onsemi.com
13
DEFECT DEFINITIONS
Table 9. OPERATION CONDITIONS FOR DEFECT TESTING AT 405C
Description
Condition
Notes
Operational Mode
Two outputs, using VOUTa and VOUTc, continuous readout
HCCD Clock Frequency
10 MHz
Pixels Per Line
3520
1
Lines Per Frame
1360
2
Line Time
354.9 msec
Frame Time
482.7 msec
Photodiode Integration Time
Mode A: PD_Tint = Frame Time = 482.7 msec, no electronic shutter used
Mode B: PD_Tint = 33 msec, electronic shutter used
VCCD Integration Time
447.2 msec
3
Temperature
40°C
Light Source
Continuous red, green and blue LED illumination
4
Operation
Nominal operating voltages and timing
1. Horizontal overclocking used.
2. Vertical overclocking used.
3. VCCD Integration Time = 1260 lines x Line Time, which is the total time a pixel will spend in the VCCD registers.
4. For monochrome sensor, only the green LED is used.
Table 10. DEFECT DEFINITIONS FOR TESTING AT 405C
Description
Definition
Standard Grade
Grade 2
Notes
Major dark field defective bright pixel
PD_Tint = Mode A → Defect ≥ 166 mV
or
PD_Tint = Mode B → Defect ≥ 12 mV
80
80
1
Major bright field defective dark pixel
Defect ≥ 12%
Minor dark field defective bright pixel
PD_Tint = Mode A → Defect ≥ 86 mV
or
PD_Tint = Mode B → Defect ≥ 6 mV
800
800
Cluster defect
A group of 2 to 10 contiguous major defective
pixels, but no more than 3 adjacent defects
horizontally.
15
n/a
2
Cluster defect (grade 2)
A group of 2 to 10 contiguous major defective
pixels
n/a
15
2
Column defect
A group of more than 10 contiguous major
defective pixels along a single column
0
0
2
1. For the color device (KAI−08050−CBA or KAI−08050−PBA), a bright field defective pixel deviates by 12% with respect to pixels of the same
color.
2. Column and cluster defects are separated by no less than two (2) good pixels in any direction (excluding single pixel defects).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com