Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-08050 Datasheet(PDF) 22 Page - ON Semiconductor

Part # KAI-08050
Description  Interline CCD Image Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-08050 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button KAI-08050 Datasheet HTML 18Page - ON Semiconductor KAI-08050 Datasheet HTML 19Page - ON Semiconductor KAI-08050 Datasheet HTML 20Page - ON Semiconductor KAI-08050 Datasheet HTML 21Page - ON Semiconductor KAI-08050 Datasheet HTML 22Page - ON Semiconductor KAI-08050 Datasheet HTML 23Page - ON Semiconductor KAI-08050 Datasheet HTML 24Page - ON Semiconductor KAI-08050 Datasheet HTML 25Page - ON Semiconductor KAI-08050 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
KAI−08050
www.onsemi.com
22
Device Identification
The device identification pin (DevID) may be used to determine which Truesense Imaging 5.5 micron pixel interline CCD
sensor is being used.
Table 17. DEVICE IDENTIFICATION
Description
Pins
Symbol
Minimum
Nominal
Maximum
Units
Maximum DC
Current
Notes
Device Identification
DevID
DevID
8,000
10,000
12,000
W
50 mA
1, 2, 3
1. Nominal value subject to verification and/or change during release of preliminary specifications.
2. If the Device Identification is not used, it may be left disconnected.
3. Values specified are for 40°C.
Recommended Circuit
Note that V1 must be a different value than V2.
Figure 19. Device Identification Recommended Circuit
ADC
R_external
V1
V2
DevID
GND
KAI−08050
R_DeviceID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com