Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5109 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N5109
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5109 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N5109 Datasheet HTML 1Page - Microsemi Corporation 2N5109 Datasheet HTML 2Page - Microsemi Corporation 2N5109 Datasheet HTML 3Page - Microsemi Corporation 2N5109 Datasheet HTML 4Page - Microsemi Corporation 2N5109 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSC1304.PDF 10-25-99
2N5109
FUNCTIONAL
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
G
U max
Maximum Unilateral Gain (1)
IC = 50 mAdc, VCE = 15Vdc,
f = 200 MHz
-
12
-
dB
MAG
Maximum Available Gain
IC = 50 mAdc, VCE = 15Vdc,
f = 200 MHz
-
11.2
-
dB
|S21|
2
Insertion Gain
IC = 50 mAdc, VCE = 15Vdc,
f = 200 MHz
9.5
10.5
-
dB
Table 1. Common Emitter S-Parameters, @ VCE = 15 V, IC = 50 mA
f
S11
S21
S12
S22
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
100
.082
167
6.77
87
.073
79
.347
-30
200
.255
172
3.56
71
.135
71
.259
-35
300
.288
132
2.39
61
.217
70
.247
-46
400
.298
137
1.91
50
.271
62
.216
-76
500
.368
126
1.61
41
.320
55
.172
-94
600
.404
121
1.38
33
.390
54
.174
-115
700
.462
..
116
1.28
27
.477
48
.163
-145
800
.503
110
1.21
18
.513
38
.190
176
900
.593
105
1.11
12
.535
33
.246
140
1000
.655
95
1.02
9.8
.604
35
.320
122



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com