Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5109 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N5109
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5109 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N5109 Datasheet HTML 1Page - Microsemi Corporation 2N5109 Datasheet HTML 2Page - Microsemi Corporation 2N5109 Datasheet HTML 3Page - Microsemi Corporation 2N5109 Datasheet HTML 4Page - Microsemi Corporation 2N5109 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSC1304.PDF 10-25-99
2N5109
ELECTRICAL SPECIFICATIONS (Tcase = 25
°C)
STATIC
(off)
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCEO(sus)
Collector-Emitter Sustaining Voltage
(IC=5.0 mAdc, IB=0)
20
-
-
Vdc
BVCER(sus)
Collector-Emitter Sustaining Voltage
(IC = 5.0 mAdc, RBE = 10 ohms)
40
-
-
Vdc
ICEO
Collector Cutoff Current
(VCE = 15 Vdc, IB = 0)
-
-
20
µA
IEBO
Emitter Cutoff Current
(VEB = 3.0 Vdc, IC = 0)
-
-
100
µA
(on)
HFE
DC Current Gain
(IC = 360 mAdc, VCE = 5.0 Vdc)
(IC = 50 mAdc, VCE = 15.0 Vdc)
5
40
-
-
-
120
-
-
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
fT
Current-Gain - Bandwidth Product
(IC = 50 mAdc, VCE = 15 Vdc, f = 200 MHz)
-
1200
-
MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com