Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5109 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N5109
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5109 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N5109 Datasheet HTML 1Page - Microsemi Corporation 2N5109 Datasheet HTML 2Page - Microsemi Corporation 2N5109 Datasheet HTML 3Page - Microsemi Corporation 2N5109 Datasheet HTML 4Page - Microsemi Corporation 2N5109 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSC1304.PDF 10-25-99
2N5109
DESCRIPTION:
Silicon NPN transistor, designed for VHF and UHF equipment. Applications include amplifier; pre-driver, driver, and
output stages. Also suitable for oscillator and frequency-multiplier functions.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25
°C)
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
20
Vdc
VCBO
Collector-Base Voltage
40
Vdc
VEBO
Emitter-Base Voltage
3.0
Vdc
IC
Collector Current
400
mA
Thermal Data
P
D
Total Device Dissipation @ TC = 75ºC (1)
Derate above 25ºC
2.5
20
Watts
mW/ ºC
Note 1. Total Device dissipation at TA = 25ºC is 1 Watt.
1. Emitter
2. Base
3. Collector
TO-39
Features
• Silicon NPN, To-39 packaged VHF/UHF Transistor
• 1.2 GHz Current-Gain Bandwidth Product @ 50mA
• Maximum Unilateral Gain = 12dB (typ) @ 200 MHz
RF & MICROWAVE DISCRETE
LOW POWER TRANSISTORS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - 2N5109

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N5109 SEMICOA-2N5109 Datasheet
31Kb / 1P
Chip Type 2C5109 Geometry 1007 Polarity NPN
2N5109 SEMICOA-2N5109 Datasheet
47Kb / 2P
Type 2N5109 Geometry 1007 Polarity NPN
logo
Central Semiconductor C...
2N5109 CENTRAL-2N5109 Datasheet
56Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N5109 ETC1-2N5109 Datasheet
245Kb / 3P
silicon transistors UHF/VHF power transistors
logo
Advanced Power Technolo...
2N5109 ADPOW-2N5109 Datasheet
318Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results

Similar Description - 2N5109

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6304 MICROSEMI-2N6304 Datasheet
86Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR91 MICROSEMI-BFR91 Datasheet
170Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFY90 MICROSEMI-BFY90 Datasheet
84Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF559 MICROSEMI-MRF559 Datasheet
208Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5812 MICROSEMI-MRF5812 Datasheet
173Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5943 MICROSEMI-MRF5943 Datasheet
174Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
BFR90 ADPOW-BFR90 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR91 ADPOW-BFR91 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF581 ADPOW-MRF581 Datasheet
282Kb / 6P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF544 ADPOW-MRF544 Datasheet
302Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com