Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XL3003 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # XL3003
Description  4A 220KHz 36V Buck LED Constant Current Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL3003 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  XL3003 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
XLSEMI
Datasheet
4A 220KHz 36V Buck LED Constant Current Driver
XL3003
Rev 1.2
www.xlsemi.com
2
Pin Configurations
Figure2. Pin Configuration of XL3003 (Top View)
Table 1 Pin Description
Pin Number
Pin Name
Description
1
GND
Ground Pin. Care must be taken in layout. This pin should be
placed outside of the Schottky Diode to output capacitor
ground path to prevent switching current spikes from inducing
voltage noise into XL3003.
2
CS
Output constant current sense Pin (CS). The CS reference
voltage is 0.21V.
3
SW
Power Switch Output Pin (SW). SW is the switch node that
supplies power to the output.
4
VC
Internal Voltage Regulator Bypass Capacity. In typical system
application, The VC pin connect a 1uf capacity to VIN.
5
VIN
Supply Voltage Input Pin. XL3003 operates from a 8V to 36V
DC voltage. Bypass Vin to GND with a suitably large
capacitor to eliminate noise on the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com