Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XL3003 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # XL3003
Description  4A 220KHz 36V Buck LED Constant Current Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL3003 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button XL3003 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 9Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
XLSEMI
Datasheet
4A 220KHz 36V Buck LED Constant Current Driver
XL3003
Rev 1.2
www.xlsemi.com
6
Typical System Application (Recommend output voltage safe work range)
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
Recommend output voltage safe work range
Input voltage(V)
IOUT=300mA
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
Recommend output voltage safe work range
Input voltage(V)
IOUT=600mA
Figure5.Max output voltage(IOUT=300mA)
Figure6.Max output voltage(IOUT=600mA)
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Recommend output voltage safe work range
Input voltage(V)
IOUT=900mA
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Recommend output voltage safe work range
Input voltage(V)
IOUT=1500mA
Figure7.Max output voltage(IOUT=900mA)
Figure8.Max output voltage(IOUT=1500mA)
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
0
2
4
6
8
10
12
14
16
18
Recommend output voltage safe work range
Input voltage(V)
IOUT=2000mA
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
0
2
4
6
8
10
12
14
Recommend output voltage safe work range
Input voltage(V)
IOUT=3000mA
Figure9.Max output voltage(IOUT=2000mA)
Figure10.Max output voltage(IOUT=3000mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com