Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XL3003 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XL3003
Description  4A 220KHz 36V Buck LED Constant Current Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL3003 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XL3003 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
XLSEMI
Datasheet
4A 220KHz 36V Buck LED Constant Current Driver
XL3003
Rev 1.2
www.xlsemi.com
1
Features
n Wide 8V to 36V Input Voltage Range
n Output Current Sence Voltage is 0.21V
n Maximum Duty Cycle 100%
n Minimum Drop Out 0.3V
n Fixed 220KHz Switching Frequency
n 4A Constant Output Current Capability
n Internal Optimize Power MOSFET
n High efficiency
n Excellent line and load regulation
n Built in thermal shutdown function
n Built in current limit function
n Built in output short protection function
n Available in TO-252 package
Applications
n Buck constant current driver
n Monitor LED Backlighting
n General purpose LED lighting
General Description
The XL3003 is a 220 KHz fixed frequency
PWM buck (step-down) LED constant current
driver, capable of driving a 4A load with high
efficiency, low ripple and excellent line and
load regulation. Requiring a minimum
number of external components, the regulator
is simple to use and include internal
frequency
compensation
and
a
fixed-frequency oscillator.
The PWM control circuit is able to adjust the
duty ratio linearly from 0 to 100%. An over
current protection function is built inside.
When short protection function happens, the
operation frequency will be reduced from
220KHz to 60KHz. An internal compensation
block is built in to minimize external
component count.
Figure1. Package Type of XL3003


Similar Part No. - XL3003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL3001 ETC2-XL3001 Datasheet
338Kb / 13P
3A 220KHz 40V Buck LED Constant Current Driver
logo
XLSEMI
XL3001 XLSEMI-XL3001 Datasheet
379Kb / 13P
3A 220KHz 40V Buck LED Constant Current Driver
logo
List of Unclassifed Man...
XL3001E1 ETC2-XL3001E1 Datasheet
338Kb / 13P
3A 220KHz 40V Buck LED Constant Current Driver
logo
XLSEMI
XL3001E1 XLSEMI-XL3001E1 Datasheet
379Kb / 13P
3A 220KHz 40V Buck LED Constant Current Driver
logo
List of Unclassifed Man...
XL3005 ETC2-XL3005 Datasheet
362Kb / 15P
5A 220KHz 36V Buck LED Constant Current Driver
More results

Similar Description - XL3003

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6971 MAXIM-MAX6971 Datasheet
304Kb / 12P
16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
MAX6971 MAXIM-MAX6971_07 Datasheet
251Kb / 12P
16-Port, 36V Constant-Current LED Driver
Rev 1; 10/07
logo
List of Unclassifed Man...
XL3001 ETC2-XL3001 Datasheet
338Kb / 13P
3A 220KHz 40V Buck LED Constant Current Driver
XL3005 ETC2-XL3005 Datasheet
362Kb / 15P
5A 220KHz 36V Buck LED Constant Current Driver
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
High Efficiency, Constant Current 36V LED driver
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
Constant Current Buck LED Driver
logo
XLSEMI
XL3001 XLSEMI-XL3001 Datasheet
379Kb / 13P
3A 220KHz 40V Buck LED Constant Current Driver
XL3005 XLSEMI-XL3005 Datasheet
391Kb / 15P
5A 220KHz 36V Buck LED Constant Current Driver
logo
Recom International Pow...
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
Constant Current Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM4103 HMSEMI-HM4103 Datasheet
896Kb / 11P
220KHz 36V 4A switch current step-down LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com