Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF1155 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF1155
Description  Melody LSIs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF1155 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF1155 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CF1155 series
NIPPON PRECISION CIRCUITS—4
Level hold 2
When LH goes HIGH, a single melody play starts. Melody play continues until the single melody ends or LH
goes open circuit or LOW, whichever occurs first.
One-shot
When OSH goes HIGH, a single melody play starts. Melody play continues until the melody ends, even if OSH
goes open circuit or LOW mid melody. However, if the OSH input goes HIGH again during melody play, the
melody play restarts from the beginning.
1 TUNE
Oscillator
OUT
LH
1M
Ω
270k
Ω
Pull-down resistance
270k
Ω
1M
Ω
270k
Ω
1 TUNE
Oscillator
OUT
OSH
1M
Ω
270k
Ω
Pull-down resistance
270k
Ω
1M
Ω
270k
Ω
1 TUNE
1M
Ω 1MΩ
270k
Ω 270kΩ
From the begining



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com