Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF1155 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # CF1155
Description  Melody LSIs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF1155 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  CF1155 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CF1155 series
NIPPON PRECISION CIRCUITS—5
Power-save Function
As shown in the preceding timing diagrams, the oscillator stops during non-play mode and the pull-down resis-
tance value changes in response to both HIGH-level and LOW-level inputs (power-save pull-down resistor) to
reduce power consumption and extend battery life.
Non-play oscillator stop function
When melody play ends, regardless of the state of either LH or OSH, the internal oscillator stops and is placed
in a standby state. In this state, the current consumption, including input pin pull-down resistor current (IIH
max), does not exceed 3.3µA.
Power-save pull-down resistor
The resistance of the OSH and LH input pull-down resistor changes in response to the input voltage. The pull-
down resistance is 1M
Ω when the input is HIGH, and the pull-down resistance is 270kΩ when the input is
LOW.
Furthermore, if a light-dependent resistor (CdS) cell is employed as a switch (the pull-down resistance is max-
imum when the CdS resistance is minimum (light) and the pull-down resistance is minimum when the CdS
resistance is maximum (dark)), the combined resistance can be increased, decreasing current consumption.
Musical Specifications
Maximum program steps
A maximum of 64 steps can be programmed into internal mask-programmable ROM. Each step represents
either a note (sound pitch and length), a rest note, or a jump. The maximum number of jumps is 7.
Note length (including rests)
Eight rhythm values, from sixteenth note to half note, for notes and rests can be programmed, as shown in the
following table.
Also, notes and rests longer than half notes and rests can be created using a tie to connect the notes. This
requires 2 program steps in ROM.
Tempo
The tempo for the standard quarter note can be selected from the following 16 options.
Pitch and scale
The CF1155 series devices support 3.5 octaves ranging from G3 to D7, from which 15 notes can be selected to
form a scale.
Type
Code
01234567
Note
Rest
Code
0123456789
A
B
C
D
E
F
=
6 9 7
3 4 8
2 3 2
1 7 4
1 3 9
1 1 6
99.4
8 7
77.3
69.6
63.3
5 8
53.5
49.7
46.4
43.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com