Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF1155 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF1155
Description  Melody LSIs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF1155 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF1155 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CF1155 series
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Melody LSIs
OVERVIEW
The CF1155 series are CMOS melody LSIs that, together with a battery and piezoelectric buzzer, operate in
one of 3 melody modes determined by input level or bonding options. They also feature an oscillator stop func-
tion in non-play mode and a variable pull-down resistance function that responds to input levels in order to
reduce power consumption, reduce cost, and extend battery life, making them ideal in a wide range of applica-
tions including greeting cards and toys.
FEATURES
s
Requires few external components
s
1.2 to 3.6V wide operating voltage range
s
Low power consumption
s
3 melody modes (bonding option)
s
Oscillator stop function in non-play mode
s
Power saving pull-down resistor built-in
s
RC oscillator circuit
s
Power-ON initialization function
s
2 VSS pad connections
s
Wide pitch dynamic range (G3 to D7)
s
Chip form
PAD LAYOUT and COORDINATES
(Unit: µm)
ORDERING INFORMATION
Chip size: 1.23
× 1.23mm
Chip thickness: 300 ± 30µm
T1, T2, T C , and TO bonding is not required.
VDD
(0,0)
(1230,1230)
1
2
3
4
5
6
78
9
10
11
OUT
OUT
TC
T2
T1
VSS TO OSH
LH
VSS
Number
P a d
X
Y
1
O U T
930
1075
2
OUT
529
1075
3
V D D
155
1075
4
T C
155
887
5
T 2
155
608
6
T 1
155
420
7
V S S
223
155
8
TO
486
155
9
O S H
750
155
10
L H
1041
155
11
V S S
1075
420
D e vice
P a ck ag e
CF1155
Chip form


Similar Part No. - CF1155

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF1155 NPC-CF1155 Datasheet
74Kb / 8P
Melody LSIs
CF1155 NPC-CF1155_06 Datasheet
74Kb / 8P
Melody LSIs
More results

Similar Description - CF1155

ManufacturerPart #DatasheetDescription
logo
NEC
UPD7759 NEC-UPD7759 Datasheet
183Kb / 18P
ADPCM SPEECH SYNTHESIZER LSIs
logo
Nippon Precision Circui...
M1105 NPC-M1105 Datasheet
92Kb / 2P
Melody IC
SM1155 NPC-SM1155 Datasheet
75Kb / 7P
Melody LSIs
logo
Panasonic Semiconductor
MN1380 PANASONIC-MN1380 Datasheet
157Kb / 20P
CMOS LSIs for Voltage Detection
logo
Sanyo Semicon Device
LC7073 SANYO-LC7073 Datasheet
193Kb / 11P
Error Detection Correction LSIs for RDS Demodulators
logo
List of Unclassifed Man...
MMC334 ETC-MMC334 Datasheet
42Kb / 1P
MELODY GENERATOR
logo
Nippon Precision Circui...
CF1156 NPC-CF1156 Datasheet
83Kb / 7P
CMOS melody LSIs with built-in LED driver
CF1155 NPC-CF1155_06 Datasheet
74Kb / 8P
Melody LSIs
CF1156 NPC-CF1156_06 Datasheet
78Kb / 8P
Melody LSIs
logo
Unisonic Technologies
15600 UTC-15600_15 Datasheet
171Kb / 6P
MELODY IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com