Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5042 Datasheet(PDF) 13 Page - ON Semiconductor

Part # AX5042
Description  Advanced multi-channel single chip UHF transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5042 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AX5042 Datasheet HTML 9Page - ON Semiconductor AX5042 Datasheet HTML 10Page - ON Semiconductor AX5042 Datasheet HTML 11Page - ON Semiconductor AX5042 Datasheet HTML 12Page - ON Semiconductor AX5042 Datasheet HTML 13Page - ON Semiconductor AX5042 Datasheet HTML 14Page - ON Semiconductor AX5042 Datasheet HTML 15Page - ON Semiconductor AX5042 Datasheet HTML 16Page - ON Semiconductor AX5042 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Specifications
www.onsemi.com
AX5042
13
RF Frequency Generation Subsystem (Synthesizer)
SYMBOL
DESCRIPTION
CONDITION
MIN.
TYP.
MAX.
UNIT
fREF
Reference frequency
16
MHz
frange_hi
Frequency range
BANDSEL=0
800
930
MHz
frange_low
BANDSEL=1
400
470
MHz
fRESO
Frequency resolution
1
Hz
BW1
Synthesizer loop
bandwidth
Internal loop filter, pin
LPFILT is unconnected
Loop filter configuration: FLT=01
Charge pump current: PLLCPI=111
default
100
kHz
BW2
Loop filter configuration: FLT=01
Charge pump current: PLLCPI=001
50
BW3
Loop filter configuration: FLT=11
Charge pump current: PLLCPI=111
200
BW4
Loop filter configuration: FLT=10
Charge pump current: PLLCPI=111
500
Tset1
Synthesizer settling time
for 1MHz step as
typically required for
RX/TX switching
Internal loop filter, pin
LPFILT is unconnected
Loop filter configuration: FLT=01
Charge pump current: PLLCPI=111
15
μs
Tset2
Loop filter configuration: FLT=01
Charge pump current: PLLCPI=001
30
Tset3
Loop filter configuration: FLT=11
Charge pump current: PLLCPI=111
7
Tset4
Loop filter configuration: FLT=10
Charge pump current: PLLCPI=111
3
Tstart1
Synthesizer start-up time
if crystal oscillator and
reference are running
Internal loop filter, pin
LPFILT is unconnected
Loop filter configuration: FLT=01
Charge pump current: PLLCPI=111
default
25
μs
Tstart2
Loop filter configuration: FLT=01
Charge pump current: PLLCPI=001
50
Tstart3
Loop filter configuration: FLT=11
Charge pump current: PLLCPI=111
12
Tstart4
Loop filter configuration: FLT=10
Charge pump current: PLLCPI=111
5
PN1868
Synthesizer phase noise
Loop filter configuration:
FLT=01
Charge pump current:
PLLCPI=111
Internal loop filter, pin
LPFILT is unconnected
868 MHz; 50 kHz from carrier
-77
dBc/Hz
868 MHz; 100 kHz from carrier
-75
868 MHz; 300 kHz from carrier
-85
868 MHz; 2 MHz from carrier
-100
PN1433
433 MHz; 50 kHz from carrier
-85
433 MHz; 100 kHz from carrier
-80
433 MHz; 300 kHz from carrier
-90
433 MHz; 2 MHz from carrier
-105
PN2868
Synthesizer phase noise
Loop filter configuration:
FLT=01
Charge pump current:
PLLCPI=001
Internal loop filter, pin
LPFILT is unconnected
868 MHz; 50 kHz from carrier
-65
dBc/Hz
868 MHz; 100 kHz from carrier
-90
868 MHz; 300 kHz from carrier
-105
868 MHz; 2 MHz from carrier
-110
PN2868
433 MHz; 50 kHz from carrier
-75
433 MHz; 100 kHz from carrier
-80
433 MHz; 300 kHz from carrier
-93
433 MHz; 2 MHz from carrier
-115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com