Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5042 Datasheet(PDF) 21 Page - ON Semiconductor

Part # AX5042
Description  Advanced multi-channel single chip UHF transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5042 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button AX5042 Datasheet HTML 17Page - ON Semiconductor AX5042 Datasheet HTML 18Page - ON Semiconductor AX5042 Datasheet HTML 19Page - ON Semiconductor AX5042 Datasheet HTML 20Page - ON Semiconductor AX5042 Datasheet HTML 21Page - ON Semiconductor AX5042 Datasheet HTML 22Page - ON Semiconductor AX5042 Datasheet HTML 23Page - ON Semiconductor AX5042 Datasheet HTML 24Page - ON Semiconductor AX5042 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Circuit Description
www.onsemi.com
AX5042
21
5.6.
RF Frequency Generation Subsystem
The RF frequency generation subsystem consists of a fully integrated synthesizer, which
multiplies the reference frequency from the crystal oscillator to get the desired RF frequency.
The advanced architecture of the synthesizer enables frequency resolutions of 1 Hz, as well as
fast settling times of 5 – 50 μs depending on the settings (see section 4.3: AC Characteristics).
Fast settling times mean fast start-up and fast RX/TX switching, which enables low-power
system design.
For receive operation the RF frequency is fed to the mixer, for transmit operation to the
power-amplifier.
The frequency must be programmed to the desired carrier frequency. The RF frequency shift
by the IF frequency that is required for RX operation, is automatically set when the receiver is
activated and does not need to be programmed by the user. The default IF frequency is 1
MHz. It can be programmed to other values. Changing the IF frequency and thus the centre
frequency of the digital channel filter can be used to adapt the blocking performance of the
device to specific system requirements.
The synthesizer loop bandwidth can be programmed, this serves three purposes:
1. Start-up time optimisation, start-up is faster for higher synthesizer loop bandwidths
2. TX spectrum optimisation, phase-noise at 300 kHz to 1 MHz distance from the carrier
improves with lower synthesizer loop bandwidths
3. Adaptation of the bandwidth to the data-rate. For transmission of FSK, GFSK and MSK
it is required that the synthesizer bandwidth must be in the order of the data-rate.
VCO
An on-chip VCO converts the control voltage generated by the charge pump and loop filter
into an output frequency. This frequency is used for transmit as well as for receive operation.
The frequency can be programmed in 1 Hz steps in the FREQ registers. For operation in the
433 MHz band, the BANDSEL bit in the PLLLOOP register must be programmed.
VCO Auto-Ranging
The AX5042 has an integrated auto-ranging function, which allows to set the correct VCO
range for specific frequency generation subsystem settings automatically. Typically it has to
be executed after power-up. The function is initiated by setting the RNG_START bit in the
PLLRANGING register. The bit is readable and a 0 indicates the end of the ranging process. If
the bit RNGERR is 0, then the auto-ranging has been executed successfully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com