Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5042 Datasheet(PDF) 39 Page - ON Semiconductor

Part # AX5042
Description  Advanced multi-channel single chip UHF transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5042 Datasheet(HTML) 39 Page - ON Semiconductor

Back Button AX5042 Datasheet HTML 34Page - ON Semiconductor AX5042 Datasheet HTML 35Page - ON Semiconductor AX5042 Datasheet HTML 36Page - ON Semiconductor AX5042 Datasheet HTML 37Page - ON Semiconductor AX5042 Datasheet HTML 38Page - ON Semiconductor AX5042 Datasheet HTML 39Page - ON Semiconductor AX5042 Datasheet HTML 40Page - ON Semiconductor AX5042 Datasheet HTML 41Page - ON Semiconductor AX5042 Datasheet HTML 42Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
QFN28 Package Information
www.onsemi.com
AX5042
39
39
8.2.
QFN28 Soldering Profile
Profile Feature
Pb-Free Process
Average Ramp-Up Rate
3 °C/sec max.
Preheat Preheat
Temperature Min
TsMIN
150°C
Temperature Max
TsMAX
200°C
Time (TsMIN to TsMAX)
ts
60 – 180 sec
Time 25°C to Peak Temperature
T25 ° to Peak
8min max.
Reflow Phase
Liquidus Temperature
TL
217°C
Time over Liquidus Temperature
tL
60 – 150 sec
Peak Temperature
tp
260°C
Time within 5°C of actual Peak
Temperature
Tp
20 – 40 sec
Cooling Phase
Ramp-down rate
6°C/sec max.
Notes:
All temperatures refer to the top side of the package, measured on the package body surface.
Time
Tp
TL
TsMAX
TsMIN
t25° to Peak
ts
tL
25°C
Preheat
Reflow
Cooling
tp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com