Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5732GA Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5732GA
Description  Analog clock CMOS IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5732GA Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5732GA Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5732GA Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5732GA Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5732GA Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5732GA Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5732GA Datasheet HTML 6Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NIPPON PRECISION CIRCUITS INC.
NIPPON PRECISION CIRCUITS-1
OVERVIEW
CF5732 Series
Analog clock CMOS IC
The CF5732 series are analog clock driver ICs using
32kHz reference frequency of crystal oscillator. Some
versions in accordance with the combinations of each
motor drive and alarm output characteristics can provide
a wide range of applications for various clock specifica-
tions.
The CF5732 series incorporates 4 types of pace adjust-
ment capacitors, which enables to adjust the pace with
bonding options.
FEATURES
- Built-in oscillator circuits(32.678 kHz)
On-chip feed back resistors (Rf, Rd)
Crystal oscillator capacitors (CD, CG)
Additional 4 capacitors for pace adjustment.
- Debounce circuit (AI terminal)
- Single 1.5 V supply
- Available as a die
SERIES LINEUP
CF5732EA
CF5732FA
CF5732GA
CF5732HA
CF5732JA
CF5732KA
Built-in
XT terminal CG(pF)
11.5
11.5
10
11.5
11.5
11.5
Capacitor
XT terminal CD(pF)
29
29
25
29
29
29
C1(pF)
6
6
3666
C2(pF)
7
7
4777
C4(pF)
8
8
5888
C4(pF)
9
9
6999
Motor
Active Level
-
H
L
H
H
H
Output
Hand Drive Cycle(sec)
0.125
1
1111
Pulse Width(msec)
DUTY50%
31.25
31.25
15.6
23.4375
46.875
Alarm
Active Level
L
L
LLLL
Input
Test Function
Yes(1/2VDD)
Yes(1/2VDD)
Yes(1/2VDD)
Yes(1/2VDD)
Yes(1/2VDD)
Yes(1/2VDD)
Alarm
Terminal
AO
AO
AO
AO
AO
AO
AO
AO
AO
AO
AO
AO
Output
Active Level
H
L(*1)
H
L(*2)
H
L(*1)
H
L(*2)
H
L(*2)
H
L(*2)
Fundmental Frequency(Hz)
2048
2048
2048
2048
2048
2048
2048
2048
2048
2048
2048
2048
Modulation Frequency(Hz)
8
+1
8
+1
8
+1
8
+1
8
+1
8
+1
16
+116+18+18+18+18+1
IOH MIN(mA)
−1.0
−1.0
−1.0
−1.0
−1.0
−1.0
IOL MIN(mA)
1.0
1.0
1.0
1.0
1.0
1.0
(*1) AO is the reverse phase of AO, when output is active. (the same phase, when output is inactive)
(*2) AO is complete reverse phase of AO. (even output is inactive.)


Similar Part No. - CF5732GA

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5705 NPC-CF5705 Datasheet
60Kb / 7P
Analog Watch Stepping Motor Driver
CF5705AA NPC-CF5705AA Datasheet
60Kb / 7P
Analog Watch Stepping Motor Driver
CF5705AD NPC-CF5705AD Datasheet
60Kb / 7P
Analog Watch Stepping Motor Driver
CF5705AE NPC-CF5705AE Datasheet
60Kb / 7P
Analog Watch Stepping Motor Driver
CF5705BC NPC-CF5705BC Datasheet
60Kb / 7P
Analog Watch Stepping Motor Driver
More results

Similar Description - CF5732GA

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5741AA NPC-CF5741AA Datasheet
56Kb / 7P
Analog Clock CMOS IC
CF5746AAB NPC-CF5746AAB Datasheet
56Kb / 7P
CMOS Analog Clock IC
CF5750A NPC-CF5750A Datasheet
113Kb / 4P
Analog Clock CMOS IC
logo
NXP Semiconductors
PCA1070 PHILIPS-PCA1070 Datasheet
180Kb / 36P
Multistandard programmable analog CMOS transmission IC
1997 Jun 20
logo
Nippon Precision Circui...
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
CMOS Monolithic Analog Output Temperature Sensor IC
CF5762AB0 NPC-CF5762AB0 Datasheet
98Kb / 10P
Analog Chime Clock CMOS IC
CF5761 NPC-CF5761 Datasheet
103Kb / 10P
CMOS Analog Clock IC with Alarm Function
logo
ELM Technology Corporat...
ELM7S66B ELM-TECH-ELM7S66B Datasheet
329Kb / 4P
CMOS LOGIC IC Analog switch
ELM7SH66XB ELM-TECH-ELM7SH66XB Datasheet
332Kb / 4P
HIGH SPEED CMOS LOGIC IC Analog switch
logo
Nippon Precision Circui...
CF5760 NPC-CF5760 Datasheet
96Kb / 7P
CMOS Analog Clock IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com