Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1669CD Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX1669CD
Description  PROGRAMMABLE DC : DC CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1669CD Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button LX1669CD Datasheet HTML 2Page - Microsemi Corporation LX1669CD Datasheet HTML 3Page - Microsemi Corporation LX1669CD Datasheet HTML 4Page - Microsemi Corporation LX1669CD Datasheet HTML 5Page - Microsemi Corporation LX1669CD Datasheet HTML 6Page - Microsemi Corporation LX1669CD Datasheet HTML 7Page - Microsemi Corporation LX1669CD Datasheet HTML 8Page - Microsemi Corporation LX1669CD Datasheet HTML 9Page - Microsemi Corporation LX1669CD Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
P ROGRAMMABLE DC:DC C ONTROLLER
LX1669
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.0
4/99
6
P RODUCTION D ATA S HEET
1
TDRV
Gate drive to the top FET.
2V
CC12
+12V supply for the gate drivers. If 12V is not available in the application, a bootstrap circuit is required
to create the biasing voltage for the FET gate drivers.
3V
CC5
+5V supply for internal biasing and power to the IC.
4
PWRGD
Open collector output, pulled down when the core voltage is not within ±10% of the DAC output.
5
OVP
Over-voltage protection: this pin is pulled to above 3V when the switcher output is above 17% of its set
voltage. This pin is capable of sourcing 40mA current, and can be used to drive an SCR crowbar or as a
signal to turn off the main power supply.
6
VID0
Input pins to the DAC. The output of the DAC sets the nominal voltage of the PWM output (see Table 1).
7
VID1
These inputs are TTL-compatible.
8
VID2
9
VID3
10
VID4
11
V
CORE
Output (CPU core) voltage, connected to the output of the regulator (after the sense resistor). This pin is
also connected to the power good and the over current comparators in the IC.
12
V
FB
Dual function pin for feedback and current sensing. The peak voltage of this is set 40mV above the
nominal set-point (VID) voltage. When the voltage difference between this pin and V
OUT (pin 15) exceeds
60mV, the over current comparator will be tripped. The over current tripping level can be set as
I = 60mV/R
SENSE where RSENSE is the sensing resistance (see Application Note section).
13
SS/ENABLE
Soft-startup and hiccup capacitor pin. During startup, the voltage of this pin controls the core voltage. An
internal 20k
Ω resistor and the external capacitor set the time constant for the soft-startup. Soft-start does
not begin until the supply voltage exceeds the UVLO threshold. When over-current occurs, this capacitor is
used for timing the hiccup. See Application Information for more detail. The PWM output can be disabled
by pulling the SS/ENABLE pin below 0.5V.
14
AGND
Analog ground.
15
BDRV
Bottom FET drive.
16
PGND
Power ground. Ground return for FET drivers.
Pin
Pin
Number
Designator
Description
FUNCTIONAL PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com