Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1669CD Datasheet(PDF) 12 Page - Microsemi Corporation

Part # LX1669CD
Description  PROGRAMMABLE DC : DC CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1669CD Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button LX1669CD Datasheet HTML 6Page - Microsemi Corporation LX1669CD Datasheet HTML 7Page - Microsemi Corporation LX1669CD Datasheet HTML 8Page - Microsemi Corporation LX1669CD Datasheet HTML 9Page - Microsemi Corporation LX1669CD Datasheet HTML 10Page - Microsemi Corporation LX1669CD Datasheet HTML 11Page - Microsemi Corporation LX1669CD Datasheet HTML 12Page - Microsemi Corporation LX1669CD Datasheet HTML 13Page - Microsemi Corporation LX1669CD Datasheet HTML 14Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
P ROGRAMMABLE DC:DC C ONTROLLER
LX1669
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.0
4/99
12
P RODUCTION D ATA S HEET
APPLICA TION INFORMA TION
CURRENT LIMIT (continued)
There are several alternative types of sense resistor. The
surface-mount metal “staple” form of resistor has the advantage of
exposure to free air to dissipate heat and its value can be
controlled very tightly. Its main drawback, however, is cost. An
alternative is to construct the sense resistor using a copper PCB
trace. Although the resistance cannot be controlled as tightly, the
PCB trace is very low cost.
PCB Sense Resistor
A PCB sense resistor should be constructed as shown in Figure 7.
By attaching directly to the large pads for the capacitor and
inductor, heat is dissipated efficiently by the larger copper masses.
Connect the current sense lines as shown to avoid any errors.
Recommended sense resistor sizes are given in the following
table:
Copper
Copper
Desired Resistor
Dimensions (w x l)
Weight
Thickness
Value
mm
inches
2 oz/ft2
68µm
2.5m
Ω
2.5 x 22
0.1 x 0.85
5m
Ω
2.5 x 43
0.1 x 1.7
TABLE 3 - PCB Sense Resistor Selection Guide
2.5m
Ω Sense Resistor
100mil Wide, 850mil Long
2.5mm x 22mm (2 oz/ft2 copper)
Output
Capacitor Pad
Inductor
Sense Lines
FIGURE 7 — Sense Resistor Construction Diagram
FIGURE 8 — Current Sense Circuit
R
L
L
R
S
C
S
V
CS
Current
Sense
Comparator
Load
R
S2
Loss-Less Current Sensing Using Resistance of Inductor
Any inductor has a parasitic resistance (R
L) which causes a DC
voltage drop when current flows through the inductor. Figure 8
shows a sensor circuit comprising of a surface mount resistor, R
S,
and capacitor, C
S, in parallel with the inductor, eliminating the
current sense resistor.
The current flowing through the inductor is a triangle wave. If
the sensor components are selected such that:
L/R
L = RS * CS
R
L
L/R
SCS
|T(j
ω)|
ω
1/R
SCS
R
L/L
FIGURE 9 — Sensor Gain
The voltage across the capacitor will be equal to the current
flowing through the resistor, i.e.
V
CS = ILRL
Since V
CS
reflects the inductor current, by selecting the
appropriate R
S and CS, VCS can used to sense current.
Design Example
(Pentium II circuit, with a maximum static current of 14.2A)
The gain of the sensor can be characterized as:
The dc/static tripping current I
trip,S satisfies:
I
trip,S =
Select L/R
SCS ≤ RL to have higher dynamic tripping current than
the static one. The dynamic tripping current I
trip,d satisfies:
I
trip,d =
V
trip
L/(R
SCS )
V
trip
R
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com