Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1669CD Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX1669CD
Description  PROGRAMMABLE DC : DC CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1669CD Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button LX1669CD Datasheet HTML 3Page - Microsemi Corporation LX1669CD Datasheet HTML 4Page - Microsemi Corporation LX1669CD Datasheet HTML 5Page - Microsemi Corporation LX1669CD Datasheet HTML 6Page - Microsemi Corporation LX1669CD Datasheet HTML 7Page - Microsemi Corporation LX1669CD Datasheet HTML 8Page - Microsemi Corporation LX1669CD Datasheet HTML 9Page - Microsemi Corporation LX1669CD Datasheet HTML 10Page - Microsemi Corporation LX1669CD Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
P ROGRAMMABLE DC:DC C ONTROLLER
LX1669
PRODUCT DA T ABOOK 1996/1997
7
Copyright © 1999
Rev. 1.0
4/99
P RODUCTION D AT A S HEET
THEOR Y OF OPERA TION
SWITCHER OUTPUT VOLTAGE REGULATION
Refer to the IC Block Diagram and the Product Highlight circuit.
When the top MOSFET turns ON, the inductor current increases.
The voltage at V
FB pin increases due to the ESR of the output
capacitor and the current-sensing resistor. When the V
FB pin
voltage reaches the threshold voltage of the error comparator,
V
SET (the DAC output set-point voltage) plus 40mV offset, the
PWM latch is reset. Consequently, the top MOSFET turns OFF
and the bottom (synchronous) MOSFET turns ON. The off-time
control block controls the off-time of the top MOSFET. During
the off-time, the inductor current and the V
FB
pin voltage
decrease. As the off-time finishes, the synchronous MOSFET
turns OFF and the top MOSFET turns ON again, repeating the
previous cycle. A break-before-make circuit prevents simulta-
neous conduction of the two MOSFET’s.
The 40mV offset to the set voltage enhances the transient
response of the output voltage, as shown in Figure 4 below.
s The peak voltage at the V
FB pin is 40mV higher than the set
voltage and its average is the peak voltage minus the ripple
voltage at V
FB pin.
s The output voltage is the voltage at the V
FB pin minus the
voltage drop across the current sensing resistor (I * R
SENSE ).
s At light loads, the voltage drop across the sensing resistor
is small; hence, the output voltage is approximately the
voltage at the V
FB pin (approximately 40mV higher than the
set voltage, V
SET).
s At heavy loads, larger current flows in the sense resistor,
therefore, the voltage drop is higher and the output voltage
is lower.
This adaptive positioning of the output voltage as the load
changes allows a greater output voltage excursion during a fast
step-load transient and requires fewer output capacitors to meet
the transient-response specification.
POWER UP and INITIALIZATION
At power up, the LX1669 monitors the supply voltage to both the
+5V and the +12V pins (there is no special requirement for the
sequence of the two supplies). Before both supplies reach their
under-voltage lock-out (UVLO) thresholds, the soft-start (SS) pin
is held low to prevent soft-start from beginning; the off-time
control is disabled and the top MOSFET is kept OFF. After both
supplies pass the UVLO thresholds, the circuit begins soft-start.
SOFT-START
Once the supplies are above the UVLO threshold, the soft-start
capacitor begins to be charged up by the set voltage (DAC
output) through a 20k
Ω internal resistor. The capacitor voltage
at the SS pin rises as a simple RC circuit. The SS pin plus a 40mV
offset is connected to the error comparator’s non-inverting input
that controls the output peak voltage. The output voltage will
follow the SS pin voltage if sufficient charging current is provided
to the output capacitor.
The simple RC soft-start allows the output to rise faster at the
beginning and slower at the end of the soft-start interval. Thus,
the required charging current into the output capacitor is less at
the end of the soft-start interval so decreasing the possibility of
an over-current. A comparator monitors the SS pin voltage and
indicates the end of soft-start when SS pin voltage reaches 95%
of V
SET.
See Application Information section for further details.
FIGURE 4 — Adaptive Voltage Positioning
Adaptive voltage
positioning offset
V
OFFSET (40mV)
Nominal set-point
voltage, V
SET (2.0V)
Initial voltage drop is
mainly due to the product
of the load current step and
ESR of the capacitors.
∆V = ∆I * ESR
(ESL effects are ignored)
Steady state voltage at high
current is approximately
V
SET + VOFFSET - IOUT x RSENSE
Output voltage
V
OUT (50mV/Div)
Output current transient
step,
∆I = 0 to 14A
(5A/Div)
Dynamic voltage tolerance
V
DYN (100mV for 2µs)
L
OUT = 2.5µH, COUT = 6x1500µF Sanyo MV-GX, RSENSE = 2.5mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com