Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1682CDM Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX1682CDM
Description  VOLTAGE - MODE PWM CONTROLLERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1682CDM Datasheet(HTML) 3 Page - Microsemi Corporation

  LX1682CDM Datasheet HTML 1Page - Microsemi Corporation LX1682CDM Datasheet HTML 2Page - Microsemi Corporation LX1682CDM Datasheet HTML 3Page - Microsemi Corporation LX1682CDM Datasheet HTML 4Page - Microsemi Corporation LX1682CDM Datasheet HTML 5Page - Microsemi Corporation LX1682CDM Datasheet HTML 6Page - Microsemi Corporation LX1682CDM Datasheet HTML 7Page - Microsemi Corporation LX1682CDM Datasheet HTML 8Page - Microsemi Corporation LX1682CDM Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
V O L T AGE -M ODE PWM C ONTROLLERS
LX1681/1682
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1999
Rev. 1.0 5/99
P RODUCTION D AT A S HEET
BLOCK DIAGRAM
Error
Comp
CS Comp
R
PWM
Q
SQ
Ramp
Oscillator
3
GND
4
BDRV
5
TDRV
6
V
C1
1
V
FB
7
CS
V
REF
2
Hiccup
I
RESET
Set
V
RESET
SS/ENABLE
C
SS
8
V
CC
UVLO
+12V
V
IN (5V)
ESR
V
CORE
C
OUT
R
2
L
C
IN
UVLO
Hiccup
+5V
R
SS
V
CC
R
SET
R
1
I
SET
I
SET
Amplifier/
Compensation
20k
320k
V
TRIP
FIGURE 1 — Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com