Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1682CDM Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX1682CDM
Description  VOLTAGE - MODE PWM CONTROLLERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1682CDM Datasheet(HTML) 1 Page - Microsemi Corporation

  LX1682CDM Datasheet HTML 1Page - Microsemi Corporation LX1682CDM Datasheet HTML 2Page - Microsemi Corporation LX1682CDM Datasheet HTML 3Page - Microsemi Corporation LX1682CDM Datasheet HTML 4Page - Microsemi Corporation LX1682CDM Datasheet HTML 5Page - Microsemi Corporation LX1682CDM Datasheet HTML 6Page - Microsemi Corporation LX1682CDM Datasheet HTML 7Page - Microsemi Corporation LX1682CDM Datasheet HTML 8Page - Microsemi Corporation LX1682CDM Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DESCRIPTION
KEY FEA TURES
s Fixed 200kHz Switching Frequency
s Constant Frequency Voltage-Mode Control
Requires NO External Compensation
s Hiccup-Mode Over-Current Protection
s High Efficiency
s Output Voltage Set By Resistor Divider
s Under-Voltage Lockout
s Soft-Start And Enable
s Synchronous Rectification (LX1682)
s Non-Synchronous Rectification (LX1681)
s Small, 8-pin Surface Mount Package
The LX1681/1682 are monolithic, pulse-
width modulator controller ICs. They are
designed to implement a flexible, low cost
buck (step-down) regulator supply with mini-
mal external components.
The LX1681 is a non-synchronous con-
troller; the LX1682 has a synchronous driver
for higher efficiency.
The output voltage is adjustable by
means of a resistor divider to set the voltage
between 1.25V and 4.5V.
Short-circuit current limiting can be
implemented without expensive current
sense resistors. Current is sensed using the
voltage drop across the R
DS(ON) of the MOSFET
— sensing is delayed for 1µs to eliminate
MOSFET ringing errors.
Hiccup-mode fault protection reduces
average power to the power elements during
short-circuit conditions.
Switching frequency is fixed at 200kHz
for optimal cost and space.
Under-voltage lockout and soft-start
for optimal start-up performance.
The
LX1681/82 can be disabled by pulling the soft-
start pin to ground.
Small 8-pin SOIC packaging reduces
board space.
Optimized for 5V-to-3.3V or 5V-to-2.5V
conversion, the LX1681/82 can also be used
for converting 12V to 5V, 3.3V or other
voltages with high efficiency, eliminating the
need for bulky heat sinks.
PRODUCT HIGHLIGHT
V O L T AGE -M ODE PWM C ONTROLLERS
P RODUCTION D AT A S HEET
T HE
I NFINITE
P OWER
OF
I NNOV A TION
APPLICA TIONS
s 5V to 3.3V Or Less Buck Regulators
s FPGA Supplies
s Microprocessor Chipset Supplies
(e.g. Camino, Whitney, etc.)
s Rambus® RIMMTM Supplies
s Hard Disk Drives
s Computer Add-on Cards
Note: All surface-mount packages are available in Tape & Reel,
append the letter "T" to part number. (i.e. LX1681CDMT)
PACKAGE ORDER INFORMA TION
T
A (°C)
0 to 70
Non-Synchronous
LX1681CDM
Synchronous
LX1682CDM
Copyright © 1999
Rev. 1.0 5/99
1
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
L IN F INITY M ICROELECTRONICS I NC .
Plastic SOIC
8-pin
DM
LX1681/1682
Output
LX1681
V
BOOST
12V
8
7
6
5
4
3
2
1
V
FB
SS
N.C.
GND
V
CC
CS
V
C1
TDRV
V
IN
5V
C
SS
V
OUT
R
SET
R
1
R
2
C
3
1µF
C
1
1500µFx3
Q
1
IRL3103S
D
2
MBR2545
L
1
5µH
C
2
0.1µF
1500µF
x3
LX1682
V
BOOST
12V
8
7
6
5
4
3
2
1
V
FB
SS
GND
BDRV
V
CC
CS
V
C1
TDRV
V
IN
5V
C
SS
V
OUT
R
SET
R
1
R
2
C
2
L
1
5µH
Q
1
IRL3103S
Q
2
IRL3103S
C
1
1500µFx2
C
3
1µF
0.1µF
1500µF
x3
LX1681 NON-SYNCHRONOUS CONTROLLER
LX1682 SYNCHRONOUS CONTROLLER
NOTE: For current data & package dimensions, visit our web site: http://www.linfinity.com.


Similar Part No. - LX1682CDM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1682CDM MICROSEMI-LX1682CDM Datasheet
205Kb / 9P
Voltage-Mode PWM Controllers
LX1682CDM-TR MICROSEMI-LX1682CDM-TR Datasheet
205Kb / 9P
Voltage-Mode PWM Controllers
More results

Similar Description - LX1682CDM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A Datasheet
209Kb / 16P
Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
CURRENT-MODE PWM CONTROLLERS
logo
Maxim Integrated Produc...
MAX1966 MAXIM-MAX1966 Datasheet
404Kb / 15P
Low-Cost Voltage-Mode PWM Step-Down Controllers
Rev 1; 9/03
logo
Texas Instruments
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
CURRENT-MODE PWM CONTROLLERS
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A_06 Datasheet
187Kb / 16P
Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
logo
Texas Instruments
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
CURRENT-MODE PWM CONTROLLERS
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
Voltage-Mode PWM Controllers
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A_11 Datasheet
159Kb / 16P
Fixed Frequency, PWM Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Texas Instruments
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com