Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1682CDM Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1682CDM
Description  VOLTAGE - MODE PWM CONTROLLERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1682CDM Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1682CDM Datasheet HTML 1Page - Microsemi Corporation LX1682CDM Datasheet HTML 2Page - Microsemi Corporation LX1682CDM Datasheet HTML 3Page - Microsemi Corporation LX1682CDM Datasheet HTML 4Page - Microsemi Corporation LX1682CDM Datasheet HTML 5Page - Microsemi Corporation LX1682CDM Datasheet HTML 6Page - Microsemi Corporation LX1682CDM Datasheet HTML 7Page - Microsemi Corporation LX1682CDM Datasheet HTML 8Page - Microsemi Corporation LX1682CDM Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
V O L T AGE -M ODE PWM C ONTROLLERS
LX1681/1682
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.0 5/99
4
P RODUCTION D AT A S HEET
V
FB
Voltage feedback — 1.25V reference is connected to a resistor divider to set desired
1
1
output voltage.
SS
Soft-start and hiccup capacitor pin. During start up the voltage of this pin controls the
2
2
output voltage. An internal 20k
Ω resistor and the external capacitor set the time constant
for soft-startup. Soft-start does not begin until the supply voltage exceeds the UVLO
threshold. When over-current occurs, this capacitor is used for timing hiccup.
The PWM can be disabled by pulling the SS pin below 0.3V.
GND
Ground for IC
43
TDRV
Gate drive for upper MOSFET
5
4
BDRV
Gate drive for lower MOSFET
5
V
C1
Separate supply for MOSFET gate drive. Connect to 12V
6
6
CS
Over-current set. Connect resistor between CS pin and the source of the upper MOSFET to
7
7
set current-limit point.
V
CC
IC supply voltage (nominal 5V) and high side drain sense voltage.
8
8
Pin
Pin Number
Name
Description
LX1681
LX1682
FUNCTIONAL PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com