Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1663CD Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX1663CD
Description  SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1663CD Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button LX1663CD Datasheet HTML 2Page - Microsemi Corporation LX1663CD Datasheet HTML 3Page - Microsemi Corporation LX1663CD Datasheet HTML 4Page - Microsemi Corporation LX1663CD Datasheet HTML 5Page - Microsemi Corporation LX1663CD Datasheet HTML 6Page - Microsemi Corporation LX1663CD Datasheet HTML 7Page - Microsemi Corporation LX1663CD Datasheet HTML 8Page - Microsemi Corporation LX1663CD Datasheet HTML 9Page - Microsemi Corporation LX1663CD Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
LX1662/62A, LX1663/63A
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.1 11/99
6
P RODUCTION D ATA S HEET
BLOCK DIAGRAM
UVLO
10.6/10.1
V
CC
2V Out
2V REF
Internal
V
CC
Trimmed
V
REG
Error Comp
CS Comp
40mV
100mV
**
1
2
3
S
PWM Latch
Q
RQ
R DOM
Off-Time
Controller
DAC
11
C
T
V
CC_CORE
INV
SS
D OUT
4
5
VID0
VID1
6
VID2
7
VID3
8
VID4
OV Comp
UV Comp
Break
Before
Make
SYNC EN
Comp
9
PWRGD*
10
OV*
12
V
CC
13
BDRV
14
GND
15
TDRV
16
V
C1
OV
LX1663/1663A ONLY
Note: Pin numbers are correct for LX1663/1663A, 16-pin package.
* Not connected on the LX1662/1662A.
** 60mV in LX1662A & LX1663A
0.7V
10k
FIGURE 5 — Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com