Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1663CD Datasheet(PDF) 13 Page - Microsemi Corporation

Part # LX1663CD
Description  SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1663CD Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button LX1663CD Datasheet HTML 7Page - Microsemi Corporation LX1663CD Datasheet HTML 8Page - Microsemi Corporation LX1663CD Datasheet HTML 9Page - Microsemi Corporation LX1663CD Datasheet HTML 10Page - Microsemi Corporation LX1663CD Datasheet HTML 11Page - Microsemi Corporation LX1663CD Datasheet HTML 12Page - Microsemi Corporation LX1663CD Datasheet HTML 13Page - Microsemi Corporation LX1663CD Datasheet HTML 14Page - Microsemi Corporation LX1663CD Datasheet HTML 15Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
LX1662/62A, LX1663/63A
PRODUCT DA T ABOOK 1996/1997
13
Copyright © 1999
Rev. 1.1 11/99
P RODUCTION D ATA S HEET
USING THE LX1662/63 DEVICES
CURRENT LIMIT (continued)
PCB Sense Resistor
A PCB sense resistor should be constructed as shown in Figure
10. By attaching directly to the large pads for the capacitor and
inductor, heat is dissipated efficiently by the larger copper masses.
Connect the current sense lines as shown to avoid any errors.
Copper
Copper
Desired Resistor
Dimensions (w x l)
Weight Thickness
Value
mm
inches
2 oz/ft2
68µm
2.5mΩ
2.5 x 22
0.1 x 0.85
5mΩ
2.5 x 43
0.1 x 1.7
TABLE 3 - PCB Sense Resistor Selection Guide
Recommended sense resistor sizes are given in the following
table:
CURRENT LIMIT (continued)
The current flowing through the inductor is a triangle wave. If the
sensor components are selected such that:
L/R
L = RS * CS
The voltage across the capacitor will be equal to the current
flowing through the resistor, i.e.
V
CS = ILRL
Since V
CS
reflects the inductor current, by selecting the
appropriate R
S and CS, VCS can be made to reach the comparator
voltage (60mV for LX166xA or 100mV for the LX166x) at the
desired trip current.
Design Example
(Pentium II circuit, with a maximum static current of 14.2A)
The gain of the sensor can be characterized as:
Loss-Less Current Sensing Using Resistance of Inductor
Any inductor has a parasitic resistance, R
L, which causes a DC
voltage drop when current flows through the inductor. Figure 11
shows a sensor circuit comprising of a surface mount resistor, R
S,
and capacitor, C
S, in parallel with the inductor, eliminating the
current sense resistor.
2.5m
9 Sense Resistor
100mil Wide, 850mil Long
2.5mm x 22mm (2 oz/ft2 copper)
Output
Capacitor Pad
Inductor
Sense Lines
FIGURE 10 — Sense Resistor Construction Diagram
R
L
L/R
SCS
|T(
j M )|
M
1/R
SCS
R
L/L
FIGURE 12 — Sensor Gain
FIGURE 11 — Current Sense Circuit
R
L
L
R
S
C
S
V
CS
Current
Sense
Comparator
Load
R
S2
The dc/static tripping current I
trip,S satisfies:
I
trip,S =
Select L/R
SCS ≤ RL to have higher dynamic tripping current
than the static one. The dynamic tripping current I
trip,d satisfies:
I
trip,d =
General Guidelines for Selecting R
S , CS , and RL
R
L =
Select: R
S ≤ 10 kΩ
and C
S according to:
C
Sn =
The above equation has taken into account the current-de-
pendency of the inductance.
The test circuit (Figure 6) used the following parameters:
R
L = 3mΩ, RS = 9kΩ, CS = 0.1µF, and L is 2.5µH at 0A current.
V
trip
L/(R
SCS)
V
trip
R
L
V
trip
I
trip,S
L
n
R
L RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com